Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYT Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # TYT
Description  HIGH PERFORMANCE 3-PHASE, 4-WIRE FILTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

TYT Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  TYT Datasheet HTML 1Page - Delta Electronics, Inc. TYT Datasheet HTML 2Page - Delta Electronics, Inc. TYT Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SERIES
HIGH PERFORMANCE 3-PHASE
4-WIRE FILTERS
1. Applications: Electric equipment, UPS, machine tool,
copy machine, automation equipment, robot, AC motor drive
2. Voltage rating: 520VAC
3. Operating frequency: 50/60Hz
INTRODUCTIONS
ELECTRICAL SCHEMATIC
Cy
L2'
L2
N
G
L3
E
N
I
Cx
R1
R2
L
L
G'
D
N'
A
L3'
O
L1
L
L
L1'
L
08TYT8-1
2.4
2.2
16TYT8-1
1.7
0.1
25TYT8-1
1.6
1.5M
36TYT8-1
1.0
4.7
680
64TYT8-1
0.7
80TYT8-1
0.55
9.4
0.147
120TYT8-1
0.55
13.6
330K
160TYT8-1
0.5
PARTNO.
L(mH)
Cx(uF)
Cy(uF)
R1 (
) R2 (K )
COMPONENTS
7-17
SERIES DIMENSIONS
SERIES DIMENSIONS
PART NO.
A
B
C
D
E
F
G
H
I
J
08TYT8-1
M6
4.33
0.45
3.15
3.72
4.33
2.76
0.47
3.23
110.0
11.5
80.0
94.5
110.0
70.0
12.0
82.0
16TYT8-1
0.98
25.0
25TYT8-1
5.12
0.96
3.54
4.02
4.65
3.35
0.55
3.54
130.0
24.5
90.0
102.0
118.0
85.0
14.0
90.0
36TYT8-1
5.51
1.52
3.94
5.02
5.63
4.53
1.57
4.53
64TYT8-1
140.0
38.5
100.0
127.5
143.0
115.0
40.0
0.71
115.0
M10
6.69
4.72
5.81
6.42
1.38
18.0
5.31
80TYT8-1
170.0
1.69
120.0
147.5
163.0
4.92
35.0
135.0
8.27
43.0
6.3
6.04
6.69
125.0
1.73
0.69
5.51
120TYT8-1
210.0
160.0
153.5
170.0
44.0
17.5
140.0
7.87
1.95
5.91
6.81
7.48
5.12
2.17
0.65
6.3
160TYT8-1
200.0
49.5
150.0
173.0
190.0
130.0
55.0
16.5
160.0
DIMENSIONS IN INCHES/mm
0.256(4X)
6.5(4X)
0.02
0.5
C
J (2X)
0.039
1.0
A
0.039
1.0
B
MECHANICAL CONSTRUCTION
0.039
1.0
G
0.039
1.0
0.039
1.0
F
0.039
1.0
INCH
UNIT:
mm
INCH
UNIT:
mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com