Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYT Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # TYT
Description  HIGH PERFORMANCE 3-PHASE, 4-WIRE FILTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

TYT Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  TYT Datasheet HTML 1Page - Delta Electronics, Inc. TYT Datasheet HTML 2Page - Delta Electronics, Inc. TYT Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SERIES
HIGH PERFORMANCE 2-STAGE 3-PHASE
4-WIRE FILTERS
1. Applications: Electric equipment, UPS, machine tool,
copy machine, automation equipment, robot, AC motor drive
2. Voltage rating: 520VAC
3. Operating frequency: 50/60Hz
INTRODUCTIONS
0.039
1.0
F
G
0.039
1.0
B
A
0.02
0.5
C
6.5(4X)
0.256(4X)
J (2X)
MECHANICAL CONSTRUCTION
COMPONENTS
08TYT8-2
2.4
7.0
3.3
16TYT8-2
1.7
25TYT8-2
1.6
6.0
36TYT8-2
1.0
4.7
3.4
1.5
660.0
64TYT8-2
0.7
7.0
80TYT8-2
0.55
9.4
120TYT8-2
0.55
6.0
13.6
160TYT8-2
0.5
PARTNO.
L1(mH)
L2(uH)
Cx(uF)
Cy(uF) R1(M
) R2(K )
SERIES DIMENSIONS
SERIES DIMENSIONS
PART NO.
A
B
C
D
E
F
G
H
I
J
08TYT8-2
4.72
0.45
3.15
5.02
5.63
1.3
3.15
4.53
120.0
11.5
80.0
127.5
143.0
33.0
80.0
115.0
16TYT8-2
0.51
M6
13.0
25TYT8-2
5.12
0.98
3.54
1.97
4.53
130.0
25.0
90.0
5.41
50.0
115.0
6.02
4.92
36TYT8-2
153.0
125.0
137.5
6.3
1.54
3.94
2.17
64TYT8-2
160.0
39.0
100.0
55.0
4.92
0.77
9.06
4.72
5.81
6.42
1.77
125.0
19.5
5.31
80TYT8-2
230.0
1.73
120.0
147.5
163.0
45.0
135.0
M10
9.84
44.0
7.87
2.17
5.51
120TYT8-2
250.0
200.0
6.04
6.69
55.0
140.0
0.75
5.51
11.02
2.0
9.06
153.5
170.0
1.97
6.69
19.0
140.0
160TYT8-2
280.0
50.7
230.0
50.0
170.0
DIMENSIONS IN INCHES/mm
ELECTRICAL SCHEMATIC
Cx
L2'
L2
N
G
L3
E
N
I
R1
R2
L1
L2
L1
L2
Cy
G'
D
N'
A
L3'
O
L1
L
L1
L2
L1'
L
7-18
INCH
UNIT:
mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com