Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACDN045YB6R-R Datasheet(PDF) 1 Page - ON Semiconductor

Part # PACDN045YB6R-R
Description  Transient Voltage Suppressors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACDN045YB6R-R Datasheet(HTML) 1 Page - ON Semiconductor

  PACDN045YB6R-R Datasheet HTML 1Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 2Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 3Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 4Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 5Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 6Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 7Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 8Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2011
October, 2016 − Rev. 7
1
Publication Order Number:
PACDN042/D
PACDN042
Transient Voltage
Suppressors and ESD
Protectors
Product Description
The PACDN042/43/44/45/46 family of transient voltage suppressor
arrays provide a very high level of protection for sensitive electronic
components that may be subjected to electrostatic discharge (ESD).
The PACDN042/43/44/45/46 devices safely dissipate ESD strikes,
exceeding the IEC 61000−4−2 International Standard, Level 4 (
±8kV
contact discharge). All pins are rated to withstand
±20 kV ESD pulses
using the IEC 61000−4−2 contact discharge method. Using the
MIL−STD−883D (Method 3015) specification for Human Body
Model (HBM) ESD, all pins are protected from contact discharges of
greater than
±30 kV.
Features
• Two, Three, Four, Five, or Six Transient Voltage Suppressors
• Compact SMT Package Saves Board Space and Facilitates Layout
in Space−Critical Applications
• In−System ESD Protection to ±20 kV Contact Discharge, per the
IEC 61000−4−2 International Standard
• These Devices are Pb−Free and are RoHS Compliant
Applications
• ESD Protection of PC Ports, Including USB Ports, Serial Ports,
Parallel Ports, IEEE1394 Ports, Docking Ports, Proprietary Ports,
etc.
• Protection of Interface Ports or IC Pins which are Exposed to
High ESD Levels
SOT−23−3
CASE 318
SOT−23−5
CASE 527AH
SOT−23−6
CASE 527AJ
SOT−143
CASE 527AF
SC70−3
CASE 419AB
CS70−5
CASE 419AC
SC70−6
CASE 419AD
TSSOP8
CASE 948AL
MSOP8
CASE 846AB
ORDERING INFORMATION
(see the last page of this document)
MARKING DIAGRAM
1
XXX M
G
G
XXX
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
www.onsemi.com


Similar Part No. - PACDN045YB6R-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACDN045YB6R-R ONSEMI-PACDN045YB6R-R Datasheet
345Kb / 24P
Transient Voltage Suppressors and ESD Protectors
June 2010 Rev. 4
More results

Similar Description - PACDN045YB6R-R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
Transient Voltage Suppressors
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
TVS8501V5 ONSEMI-TVS8501V5 Datasheet
93Kb / 6P
Transient Voltage Suppressors
November, 2014 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
ESD3BL3V3WS SEMTECH_ELEC-ESD3BL3V3WS Datasheet
356Kb / 4P
Transient Voltage Suppressors
ESD9BL5V0BP SEMTECH_ELEC-ESD9BL5V0BP Datasheet
342Kb / 3P
Transient Voltage Suppressors
ESDB5V0WT SEMTECH_ELEC-ESDB5V0WT Datasheet
267Kb / 3P
Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com