Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACDN045YB6R-R Datasheet(PDF) 10 Page - ON Semiconductor

Part # PACDN045YB6R-R
Description  Transient Voltage Suppressors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACDN045YB6R-R Datasheet(HTML) 10 Page - ON Semiconductor

Back Button PACDN045YB6R-R Datasheet HTML 6Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 7Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 8Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 9Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 10Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 11Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 12Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 13Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PACDN042
www.onsemi.com
10
PACKAGE DIMENSIONS
SC−88A (SC−70 5 Lead), 1.25x2
CASE 419AC
ISSUE A
E1
D
A
L
L1
L2
ee
b
A1
A2
c
TOP VIEW
SIDE VIEW
END VIEW
q1
q1
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC MO-203.
E
q
SYMBOL
MIN
NOM
MAX
θ
A
A1
b
c
D
E
E1
e
L
0º
8º
L2
0.00
0.15
0.10
0.26
1.80
1.80
1.15
0.65 BSC
0.15 BSC
1.10
0.10
0.30
0.18
0.46
2.20
2.40
1.35
L1
0.80
θ1
4º
10º
A2
0.80
1.00
0.42 REF
0.36
2.00
2.10
1.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com