Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9171AS Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS9171AS
Description  Parallel In, Parallel Out
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9171AS Datasheet(HTML) 3 Page - Micro Analog systems

  MAS9171AS Datasheet HTML 1Page - Micro Analog systems MAS9171AS Datasheet HTML 2Page - Micro Analog systems MAS9171AS Datasheet HTML 3Page - Micro Analog systems MAS9171AS Datasheet HTML 4Page - Micro Analog systems MAS9171AS Datasheet HTML 5Page - Micro Analog systems MAS9171AS Datasheet HTML 6Page - Micro Analog systems MAS9171AS Datasheet HTML 7Page - Micro Analog systems MAS9171AS Datasheet HTML 8Page - Micro Analog systems MAS9171AS Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
S
3
DA9171A.000
July 31, 1997
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VDD
-0.5
7
V
Input Voltage
VIN
T = 125°C, f=100Hz, 5% On
-200
200
V
ESD Voltage
MM (EIAJ ED-4701 Method C-111)
-500
500
V
Output Current (Note 1)
IOUT
T=125°C
5
mA
Ambient Temperature
Tamb
-40
+125
oC
Storage Temperature
TStg
-55
+150
oC
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
3.3
5.0
5.5
V
Supply Current
IDD
VDD = 5.0 V
VIN 1…8 = 0 V
3nA
10
µA
ELECTRICAL CHARACTERISTICS
x Parallel input port
(T=-40°C .. +125°C,
VDD = 3.3V..5.5V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input High Voltage (Note 2)
VIH
VDD = 5.0 V
5.0
5.5
6.0
V
Input Low Voltage (Note 2)
VIL
VDD = 5.0 V
2.25
2.75
3.25
V
DC Input Voltage
Vmax
Only 1 input at the same time
-100
VDD+100
V
Input Resistance
RIN1
-1V<VIN1<VDDx2.25
140
225
320
k
Ω
3 dB Frequency of Analog
Filter
fd
100
150
200
kHz
x Parallel digital outputs
(T=-40°C .. +125°C,
VDD = 5V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output High Voltage
VOH
ISource = 3.0 mA
4.1
4.6
V
Output Low Voltage
VOL
ISink = 3.0 mA
0.35
0.6
V
Signal Rise Time
tR
no load
50
500
ns
Signal Fall Time
tR
no load
50
500
ns
Note 1: The sum of all output currents must not exceed 16 mA
Note 2: Typical values of VIH / VIL can be calculated as follows:
VIH = 1.1 x VDD
VIL = 0.55 x VDD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com