Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9171AS Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS9171AS
Description  Parallel In, Parallel Out
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9171AS Datasheet(HTML) 4 Page - Micro Analog systems

  MAS9171AS Datasheet HTML 1Page - Micro Analog systems MAS9171AS Datasheet HTML 2Page - Micro Analog systems MAS9171AS Datasheet HTML 3Page - Micro Analog systems MAS9171AS Datasheet HTML 4Page - Micro Analog systems MAS9171AS Datasheet HTML 5Page - Micro Analog systems MAS9171AS Datasheet HTML 6Page - Micro Analog systems MAS9171AS Datasheet HTML 7Page - Micro Analog systems MAS9171AS Datasheet HTML 8Page - Micro Analog systems MAS9171AS Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
S
4
DA9171A.000
July 31, 1997
FUNCTIONS
x
Input protection
The input protection is composed of a high voltage thin film series resistor, a metal-to-metal capacitor to ground
and a Zener diode to GND. The circuit provides the ability of withstanding energy rich voltage pulses as well as
fast transient high voltage bursts without damaging the MAS9171A or devices connected to it.
The resistance of each input to ground is approx. 225 kOhms. Each input is protected against electrostatic
discharge (ESD) according to Machine Model EIAJ ED-4701 Method C-111 (+/-500 kV, 200 pF, 0 Ohms).
The device has been specially designed for high decoupling between Inputs and Power Supply or Outputs to
prevent voltage overswing when applying test pulses according to DIN40839/ISO7637.
For a given ambient temperature the maximum pulse length is limited by the maximum silicon temperature of
T=150°C.
x
Analog filter
The input protection is followed by a passive low pass filter of 2nd order with a 3 dB frequency of 150 kHz. This
filter is used to block high frequency components coupled through capacitive coupling clamps or electromagnetic
field.
x
Comparator
The output signal of the analog filter of each channel is pulse-shaped by a Schmitt-Trigger Comparator with
strong output drivers. The output stage works with non-overlapping clocks to reduce current spikes at the Supply
Pins caused by change of output level.
x
Input levels
The Ouput OUTx is “High” if the corresponding input voltage VINx > 5.5 V and “Low” if VINx < 2.75 V (typical
values).
Fig 1.: Input Channel of MAS9171A
100 K
1 K
125 K
125 K
6.8V
6.8V
9pF
4pF
to Comparator
IN 1….8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com