Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7663 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7663
Description  Current Limiting using Inductor DCR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7663 Datasheet(HTML) 1 Page - Sipex Corporation

  SP7663 Datasheet HTML 1Page - Sipex Corporation SP7663 Datasheet HTML 2Page - Sipex Corporation SP7663 Datasheet HTML 3Page - Sipex Corporation SP7663 Datasheet HTML 4Page - Sipex Corporation SP7663 Datasheet HTML 5Page - Sipex Corporation SP7663 Datasheet HTML 6Page - Sipex Corporation SP7663 Datasheet HTML 7Page - Sipex Corporation SP7663 Datasheet HTML 8Page - Sipex Corporation SP7663 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image

Nov3-06 Rev L
SP7663 Wide Input Voltage Range 6A, 600kHz Buck Regulator
© 2006 Sipex Corporation
SP7663
FEATURES
■
4.75V to 22V Input Voltage Range using Single Supply
■
3V to 22V Input Voltage Range using Dual Supply
■
±% 0.8V Reference
■
6A Output Capability
■
Current Limiting using Inductor DCR
■
Built in Low RDS(ON) Power Switches
■
600 kHz Fixed Frequency Operation
■
Over Temperature Protection
■
Short Circuit Protection with Auto-Restart
■
Wide BW Amp Allows Type II or III Compensation
■
Programmable Soft Start
■
Fast Transient Response
■
HighEfficiency:Greaterthan
95% Poss ble
■
Nonsynchronous Start-Up into a Pre-Charged Output
■
AvailableinRoHSCompliant,LeadFreePackaging:
Small 7mm x 4mm DFN
■
U.S. Patent #6,922,04
Wide Input Voltage Range
6A, 600kHz, Buck Regulator
TheSP7663isasynchronousstep-downswitchingregulatoroptimizedforhighefficiency.Thepartisdesigned
for use with a single 4.75V to 22V single supply or 3V to 22V input if an external Vcc is provided. The SP7663
providesafullyintegratedbuckregulatorsolutionusingafixed600kHzfrequency,PWMvoltagemodearchitecture.
Protection features include UVLO, thermal shutdown, output current limit and short circuit protection. The SP7663
is available in the space saving DFN package
.
TYPICAL APPLICATION CIRCUIT
DESCRIPTION
PowerBloxTM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
BOTTOM VIEW
Heatsink Pad 1
Connect to Lx
Heatsink Pad 2
Connect to GND
Heatsink Pad 3
Connect to VIN
PGND
PGND
GND
VFB
COMP
UVIN
SWN
VIN
LX
LX
LX
LX
VCC
BST
LX
LX
LX
DFN PACKAGE
7mm x 4mm (Option 2)
SP7663
PGND
VINP
SS
ISN
ISP
PGND
GND
GND
GND
Pin 27
Pin 28
Pin 29
RBST
ZeroΩ
C4 .1uF
R8 DNP
C6
DNP
C7
DNP
12V
CBST
6.8nF
L1
1.5uH, 5.5 mΩ
C3
DNP
CVCC
4.7uF
SD101AWS
U1
SP7663
PGND
1
PGND
2
PGND
3
PGND
4
GND
5
VFB
6
COMP
7
SS
8
GND
9
ISN
10
ISP
11
SWN
12
VIN
13
LX
14
LX
15
LX
16
BST
17
VIN
18
GND
19
GND
20
UVIN
21
VCC
22
LX
23
LX
24
LX
25
LX
26
C8
NP
DBST
CSS 47nF
CP1 10pF
3.30V, 0-6A
R2
21.5kΩ,1%
D1
C5
100uF
RZ3
3.09KΩ
CZ3
180pF
CZ2
270pF
R1
68.1kΩ,1%
RZ2
75KΩ,1%
CF1
100pF
C1
22uF
C2
22uF
VOUT
3
1
GND
4
1
VIN
1
1
GND
2
1
C9 6.8nF
R9
NP
R6
NP
R7
NP
R3
4.99KΩ
R4
4.99KΩ
NP
Rs2
1 Ohm
Cs2
2.2nF
ISP
ISN
ISN
ISP
R13
3.3Ω
LX
LX
Rs1
1 Ohm
Cs1
2.2nF
R12
NP


Similar Part No. - SP7663

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7663 SIPEX-SP7663 Datasheet
1Mb / 19P
Wide Input Voltage Range 6A, 600kHz, Buck Regulator
SP7663 SIPEX-SP7663 Datasheet
352Kb / 16P
Evaluation Board Manual
logo
Exar Corporation
SP7663 EXAR-SP7663 Datasheet
763Kb / 18P
6A 600KHz Synchronous Step Down Regulator
logo
Sipex Corporation
SP7663EB SIPEX-SP7663EB Datasheet
352Kb / 16P
Evaluation Board Manual
SP7663ER SIPEX-SP7663ER Datasheet
352Kb / 16P
Evaluation Board Manual
More results

Similar Description - SP7663

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CCLM0035 CENTRAL-CCLM0035 Datasheet
303Kb / 2P
CURRENT LIMITING DIODE
CMCL1300 CENTRAL-CMCL1300 Datasheet
75Kb / 1P
CURRENT LIMITING DIODE
logo
Vishay Siliconix
IFLP-4040DZ-01 VISHAY-IFLP-4040DZ-01 Datasheet
385Kb / 3P
3 % DCR Tolerance, Low Profile, High Current Inductor
08-Aug-08
logo
Diotec Semiconductor
CL20M45 DIOTEC-CL20M45 Datasheet
97Kb / 2P
Current Limiting Diodes
logo
Digitron Semiconductors
CCL0035 DIGITRON-CCL0035 Datasheet
73Kb / 1P
CURRENT LIMITING DIODE
logo
Diotec Semiconductor
CL20M35 DIOTEC-CL20M35 Datasheet
100Kb / 2P
Current Limiting Diodes
CL20M35 DIOTEC-CL20M35_13 Datasheet
100Kb / 2P
Current Limiting Diodes
CL15M45 DIOTEC-CL15M45 Datasheet
99Kb / 2P
Current Limiting Diodes
logo
STMicroelectronics
STEVAL-ILL054V2 STMICROELECTRONICS-STEVAL-ILL054V2 Datasheet
218Kb / 4P
Internal current limiting
27-May-2016
L6985F STMICROELECTRONICS-L6985F Datasheet
1Mb / 65P
Internal current limiting
17-Feb-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com