Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7663 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP7663
Description  Current Limiting using Inductor DCR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7663 Datasheet(HTML) 2 Page - Sipex Corporation

  SP7663 Datasheet HTML 1Page - Sipex Corporation SP7663 Datasheet HTML 2Page - Sipex Corporation SP7663 Datasheet HTML 3Page - Sipex Corporation SP7663 Datasheet HTML 4Page - Sipex Corporation SP7663 Datasheet HTML 5Page - Sipex Corporation SP7663 Datasheet HTML 6Page - Sipex Corporation SP7663 Datasheet HTML 7Page - Sipex Corporation SP7663 Datasheet HTML 8Page - Sipex Corporation SP7663 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Nov3-06 Rev L
SP7663 Wide Input Voltage Range 6A, 600kHz Buck Regulator
© 2006 Sipex Corporation
ELECTRICAL SPECIFICATIONS
SpecificationsareforTAMB = TJ = 25°C, and those denoted by ♦ apply over the full operating range, -40°C< Tj< 25°C. Unless
otherwisespecified:4.5V<Vcc<5.5V,3V<ViN < 22V, BST = LX + 5V, UVIN = 3V, CVCC = µF, CCOMP = 0.µF, Css = 50nF.
VCC ...................................................................................................7V
ViN ................................................................................................ 25V
BST................................................................................................ 30V
LX-BST...............................................................................-0.3V to 7V
LX ........................................................................................-V to 30V
All other pins..........................................................-0.3V to VCC + 0.3V
Storage Temperature................................................... -65°C to 50°C
Power Dissipation........................................Internally Limited via OTP
Lead Temperature (Soldering, 0 sec) ...................................... 300°C
ESD Rating........................................................................... 2kVHBM
Thermal Resistance θJC............................................................ 5°C/W
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections
ofthespecificationsbelowisnotimplied.Exposuretoabsolutemaximumratingconditionsforextendedperiodsoftimemayaffectreliability.
PARAMETER
MIN TYP MAX UNITS ♦
CONDITIONS
QUIESCENT CURRENT
ViN Supply Current
(No switching)
.5
3.0
mA
♦
VfB= 0.9V
ViN Supply Current
(switching)
8
20
mA
BST Supply Current
(No switching)
0.2
0.4
mA
♦
VfB= 0.9V
BST Supply Current
(switching)
3
6
mA
PROTECTION: UVLO
Vcc UVLO Start Threshold 4.00 4.25
4.50
V
♦
Vcc UVLO Hysteresis
00
200
300
mV
♦
UVIN Start Threshold
2.30 2.50
2.65
V
♦
UVIN Hysteresis
200
300
400
mV
♦
UVIN Input Current
.0
µA
♦
UVIN=3.0V
ERROR AMPLIFIER REFERENCE
ErrorAmplifierReference 0.792 0.800 0.808
V
2XGainConfig.,Measure
VfB; Vcc=5V
ErrorAmplifier
Reference Over Line
0.784 0.800 0.86
V
♦
COMPSinkCurrent
70
50
230
µA
♦ VfB=0.9V,COMP=0.9V
COMPSourceCurrent
-230 -50
-70
µA
♦ VfB=0.9V,COMP=0.9V
VfB Input Bias Current
50
200
nA
♦
VfB=0.8V
COMPClamp
3.2
3.5
3.8
V
VfB=0.7V, TA=25
°C
COMPClampTemp.
Coefficient
-2.0
mV/
°C
VCC LINEAR REGULATOR
VCC Output Voltage
4.7
5.0
5.3
V
♦ V
iN
= 6 to 23V,
ILOAD = 0mA to 30mA
4.5
4.73
♦ ViN = 5V, 20mA
Dropout Voltage
250
500
750
mV
♦
Vin-Vout=Dropoutvoltagewhen
Vccregulateddropsby2%.
IVCC=30mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com