Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30H60CW Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS30H60CW
Description  Avalanche rated
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30H60CW Datasheet(HTML) 3 Page - STMicroelectronics

  STPS30H60CW Datasheet HTML 1Page - STMicroelectronics STPS30H60CW Datasheet HTML 2Page - STMicroelectronics STPS30H60CW Datasheet HTML 3Page - STMicroelectronics STPS30H60CW Datasheet HTML 4Page - STMicroelectronics STPS30H60CW Datasheet HTML 5Page - STMicroelectronics STPS30H60CW Datasheet HTML 6Page - STMicroelectronics STPS30H60CW Datasheet HTML 7Page - STMicroelectronics STPS30H60CW Datasheet HTML 8Page - STMicroelectronics STPS30H60CW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STPS30H60C
Characteristics
3/11
Figure 1.
Conduction losses versus
average forward current
Figure 2.
Average forward current versus
ambient temperature
(
δ = 0.5, per diode)
P
(W)
F(AV)
0
2
4
6
8
10
12
0
2
4
6
8
10
12
14
16
18
δ=0.05
δ=0.1
δ=0.2
δ=0.5
δ=1
T
δ=tp/T
tp
I
(A)
F(AV)
I
(A)
F(AV)
0
2
4
6
8
10
12
14
16
18
0
25
50
75
100
125
150
175
R
h(j a)=Rth(j c)
R
th(j a)=15 °C/W
TO-220FPAB
T
(°C)
amb
Figure 3.
Normalized avalanche power
derating versus pulse duration
Figure 4.
Normalized avalanche power
derating versus junction
temperature
1.E-03
1.E-02
1.E-01
1.E+00
1.E+00
1.E-01
1.E-02
1.E+01
1.E+02
1.E+03
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
0.0
0.2
0.4
0.6
0.8
1.0
1.2
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM
Figure 5.
Non repetitive surge peak forward
current versus overload duration
(maximum values, per diode)
(TO-220AB, TO-247 D2PAK, I2PAK)
Figure 6.
Non repetitive surge peak forward
current versus overload duration
(maximum values, per diode)
(TO-220FPAB)
I (A)
M
0
20
40
60
80
100
120
140
160
180
200
1.E-03
1.E-02
1.E-01
1.E+00
T
C=50°C
T
C=75°C
T
C=125°C
IM
t
δ =0 5
t(s)
0
20
40
60
80
100
120
1.E-03
1.E-02
1.E-01
1.E+00
T
C=50 °C
T
C=75 °C
T
C=125 °C
IM
t
δ =0 5
TO-220FPAB
I (A)
M
t(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com