Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30H60CW Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS30H60CW
Description  Avalanche rated
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30H60CW Datasheet(HTML) 4 Page - STMicroelectronics

  STPS30H60CW Datasheet HTML 1Page - STMicroelectronics STPS30H60CW Datasheet HTML 2Page - STMicroelectronics STPS30H60CW Datasheet HTML 3Page - STMicroelectronics STPS30H60CW Datasheet HTML 4Page - STMicroelectronics STPS30H60CW Datasheet HTML 5Page - STMicroelectronics STPS30H60CW Datasheet HTML 6Page - STMicroelectronics STPS30H60CW Datasheet HTML 7Page - STMicroelectronics STPS30H60CW Datasheet HTML 8Page - STMicroelectronics STPS30H60CW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
STPS30H60C
4/11
Figure 7.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-220AB, TO-247
D2PAK, I2PAK)
Figure 8.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-220FPAB)
Z/R
th(j-c)
th(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
δ=0.1
δ=0.2
δ=0.5
Single pulse
T
δ=tp/T
tp
t (s)
p
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
δ=0.1
δ=0.2
δ=0.5
Single pulse
T
δ=tp/T
tp
TO-220FPAB
t (s)
p
Z/R
th(j-c)
th(j-c)
Figure 9.
Reverse leakage current versus
reverse voltage applied
(typical values, per diode)
Figure 10.
Junction capacitance versus
reverse voltage applied
(typical values, per diode)
I (mA)
R
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
5
10
15
20
25
30
35
40
45
50
55
60
T
j=125°C
T
j=100°C
T
j=75°C
T
j=50°C
T
j=25°C
T
j=150°C
V (V)
R
C(nF)
0.1
1.0
10.0
1
10
100
F=1MHz
V
osc=30mVRMS
T
j=25°C
V (V)
R
Figure 11.
Forward voltage drop versus
forward current (per diode)
Figure 12.
Thermal resistance junction to
ambient versus copper surface
under tab (epoxy printed board
FR4, copper thickness = 35 µm)
(D2PAK)
I
(A)
FM
1
10
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
T
J=25 °C
Maximum values
T
J=125 °C
Maximum values
T
J=125 °C
Maximum values
T
J=125 °C
Typical values
T
J=125 °C
Typical values
V
(V)
FM
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
S(cm²)
R
(°C/W)
th(j-a)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com