Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH30R04PI Datasheet(PDF) 8 Page - STMicroelectronics

Part # STTH30R04PI
Description  Low reverse current
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30R04PI Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STTH30R04PI Datasheet HTML 2Page - STMicroelectronics STTH30R04PI Datasheet HTML 3Page - STMicroelectronics STTH30R04PI Datasheet HTML 4Page - STMicroelectronics STTH30R04PI Datasheet HTML 5Page - STMicroelectronics STTH30R04PI Datasheet HTML 6Page - STMicroelectronics STTH30R04PI Datasheet HTML 7Page - STMicroelectronics STTH30R04PI Datasheet HTML 8Page - STMicroelectronics STTH30R04PI Datasheet HTML 9Page - STMicroelectronics STTH30R04PI Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package information
STTH30R04
8/10
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 8.
DOP3I dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
b
1.20
1.40
0.047
0.055
c
1.45
1.55
0.057
0.061
c1
0.50
0.70
0.020
0.028
D
12.15
13.10
0.474
0.516
E
15.10
15.50
0.594
0.610
E1
7.55
7.75
0.297
0.305
e
10.80
11.30
0.425
0.445
G
20.4
21.10
0.815
0.831
L
14.35
15.60
0.565
0.614
P
4.08
4.17
0.161
0.164
Q
2.70
2.90
0.106
0.114
R
4.60 typ.
0.181 typ.
Y
15.80
16.50
0.622
0.650
R
E
E1
G
Y
D
Q
c1
c
A
L
e
b
ØP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com