Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH30R04PI Datasheet(PDF) 9 Page - STMicroelectronics

Part # STTH30R04PI
Description  Low reverse current
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30R04PI Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STTH30R04PI Datasheet HTML 2Page - STMicroelectronics STTH30R04PI Datasheet HTML 3Page - STMicroelectronics STTH30R04PI Datasheet HTML 4Page - STMicroelectronics STTH30R04PI Datasheet HTML 5Page - STMicroelectronics STTH30R04PI Datasheet HTML 6Page - STMicroelectronics STTH30R04PI Datasheet HTML 7Page - STMicroelectronics STTH30R04PI Datasheet HTML 8Page - STMicroelectronics STTH30R04PI Datasheet HTML 9Page - STMicroelectronics STTH30R04PI Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
STTH30R04
Ordering information
9/10
3
Ordering information
4
Revision history
Part Number
Marking
Package
Weight
Base qty
Delivery mode
STTH30R04D
STTH30R04D
TO-220AC
1.86 g
50
Tube
STTH30R04G
STTH30R04G
D2PAK
1.48 g
50
Tube
STTH30R04G-TR
STTH30R04G
D2PAK
1.48 g
1000
Tape and reel
STTH30R04W
STTH30R04W
DO-247
4.40 g
30
Tube
STTH30R04PI
STTH30R04PI
DOP3I
4.46 g
30
Tube
Date
Revision
Description of Changes
31-Mar-2007
1
First issue.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com