Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9265-80EBZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD9265-80EBZ
Description  16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9265-80EBZ Datasheet(HTML) 2 Page - Analog Devices

  AD9265-80EBZ Datasheet HTML 1Page - Analog Devices AD9265-80EBZ Datasheet HTML 2Page - Analog Devices AD9265-80EBZ Datasheet HTML 3Page - Analog Devices AD9265-80EBZ Datasheet HTML 4Page - Analog Devices AD9265-80EBZ Datasheet HTML 5Page - Analog Devices AD9265-80EBZ Datasheet HTML 6Page - Analog Devices AD9265-80EBZ Datasheet HTML 7Page - Analog Devices AD9265-80EBZ Datasheet HTML 8Page - Analog Devices AD9265-80EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
AD9265* PRODUCT PAGE QUICK LINKS
Last Content Update: 02/23/2017
COMPARABLE PARTS
View a parametric search of comparable parts.
EVALUATION KITS
• AD9265 Evaluation Board
DOCUMENTATION
Data Sheet
• AD9265: 16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V
Analog-to-Digital Converter Data Sheet
User Guides
• UG-074: Evaluating the AD9265/AD9255 Analog-to-
Digital Converters
SOFTWARE AND SYSTEMS REQUIREMENTS
• AD9265 Native FMC Card / ML605 Xilinx Reference Design
TOOLS AND SIMULATIONS
• Visual Analog
• AD9265 IBIS Models
• AD9255/AD9265 S-Parameters
REFERENCE DESIGNS
• CN0252
REFERENCE MATERIALS
Solutions Bulletins & Brochures
• Analog-to-Digital Converter and Drivers ICs Solutions
Bulletin, Volume 10, Issue 2
Technical Articles
• Improve The Design Of Your Passive Wideband ADC
Front-End Network
• MS-2210: Designing Power Supplies for High Speed ADC
• The Differential-signal Advantage for Communications
System Design
DESIGN RESOURCES
• AD9265 Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
DISCUSSIONS
View all AD9265 EngineerZone Discussions.
SAMPLE AND BUY
Visit the product page to see pricing options.
TECHNICAL SUPPORT
Submit a technical question or find your regional support
number.
DOCUMENT FEEDBACK
Submit feedback for this data sheet.
This page is dynamically generated by Analog Devices, Inc., and inserted into this data sheet. A dynamic change to the content on this page will not
trigger a change to either the revision number or the content of the product data sheet. This dynamic page may be frequently modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com