Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9265-80EBZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9265-80EBZ
Description  16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9265-80EBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9265-80EBZ Datasheet HTML 17Page - Analog Devices AD9265-80EBZ Datasheet HTML 18Page - Analog Devices AD9265-80EBZ Datasheet HTML 19Page - Analog Devices AD9265-80EBZ Datasheet HTML 20Page - Analog Devices AD9265-80EBZ Datasheet HTML 21Page - Analog Devices AD9265-80EBZ Datasheet HTML 22Page - Analog Devices AD9265-80EBZ Datasheet HTML 23Page - Analog Devices AD9265-80EBZ Datasheet HTML 24Page - Analog Devices AD9265-80EBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
AD9265
Data Sheet
Rev. C | Page 20 of 44
0
–20
–40
–60
–80
–100
–120
–140
0
10
20
30
50
60
40
FREQUENCY (MHz)
125MSPS
70.1MHz @ –6dBFS
SNR = 73.5dB (79.5dBFS)
SFDR = 98dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 36. AD9265-125 Single-Tone FFT with fIN = 70.1 MHz at −6 dBFS with
Dither Enabled
0
–135
–120
–105
–90
–75
–60
–45
–30
–15
60
54
48
42
36
30
24
18
12
6
FREQUENCY (MHz)
+
2
5
3
4
6
125MSPS
70.1MHz @ –23dBFS
SNR = 57.3dBc (80.3dBFS)
SFDR = 75.1dBc
Figure 37. AD9265-125 Single-Tone FFT with fIN = 70.1 MHz at −23 dBFS with
Dither Disabled, 1M Sample
0
–135
–120
–105
–90
–75
–60
–45
–30
–15
60
54
48
42
36
30
24
18
12
6
FREQUENCY (MHz)
+
2
5
3
4
6
125MSPS
70.1MHz @ –23dBFS
SNR = 56.8dBc (79.8dBFS)
SFDR = 86.8dBc
Figure 38. AD9265-125 Single-Tone FFT with fIN = 70.1 MHz at −23 dBFS with
Dither Enabled, 1M Sample
120
0
20
40
60
80
100
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
SFDR (dBFS)
Figure 39. AD9265-125 Single-Tone SNR/SFDR vs. Input Amplitude (AIN) with
fIN = 2.4 MHz
120
0
20
40
60
80
100
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
SFDR (dBFS)
Figure 40. AD9265-125 Single-Tone SNR/SFDR vs. Input Amplitude (AIN) with
fIN = 98.12 MHz
120
70
80
90
100
110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SNRFS (DITHER ON)
SNRFS (DITHER OFF)
SFDRFS (DITHER ON)
SFDRFS (DITHER OFF)
Figure 41. AD9265-125 Single-Tone SNR/SFDR vs. Input Amplitude (AIN) with
fIN = 30 MHz With and Without Dither Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com