Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9975ABSTRL Datasheet(PDF) 10 Page - Analog Devices

Part # AD9975ABSTRL
Description  Broadband Modem Mixed-Signal Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9975ABSTRL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9975ABSTRL Datasheet HTML 6Page - Analog Devices AD9975ABSTRL Datasheet HTML 7Page - Analog Devices AD9975ABSTRL Datasheet HTML 8Page - Analog Devices AD9975ABSTRL Datasheet HTML 9Page - Analog Devices AD9975ABSTRL Datasheet HTML 10Page - Analog Devices AD9975ABSTRL Datasheet HTML 11Page - Analog Devices AD9975ABSTRL Datasheet HTML 12Page - Analog Devices AD9975ABSTRL Datasheet HTML 13Page - Analog Devices AD9975ABSTRL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. 0
–10–
AD9975
4000
1
3000
2400
3600
2600
3200
2800
ADC CLOCK CYCLES
3400
3800
59
13
17
21
25
29
33
37
TPC 19. Rx Path Settling, 1/2 Scale Rising Step with
Gain Change, LPF FC = 26 MHz, FADC = 50 MHz
4000
1
3000
2400
3600
2600
3200
2800
ADC CLOCK CYCLES
3400
3800
59
13
17
21
25
29
33
37
TPC 20. Rx Path Settling, 1/2 Scale Falling Step with
Gain Change, LPF FC = 26 MHz, FADC = 50 MHz
20
8.75
9.50
9.00
8.50
FS – MHz
9.25
25
30
40
50
35
45
TPC 21. Rx Path ENOB vs. FADC, FIN = 5 MHz,
Gain = –6 dB, Rx LPF Bypassed
20
56
59
57
55
FS – MHz
58
25
30
40
50
35
45
60
TPC 22. Rx Path SNR vs. FADC, FIN = 5 MHz,
Gain = –6 dB, Rx LPF Bypassed
20
–60
–65
FS – MHz
25
30
40
50
35
45
–55
TPC 23. Rx Path THD vs. FADC, FIN = 5 MHz,
Gain = –6 dB, Rx LPF Bypassed
0
8.7
9.3
8.9
8.5
FIN – MHz
9.1
26
14
18
10
16
9.5
48
12
20
TPC 24. Rx Path ENOB vs. FIN, FADC = 50 MHz,
Gain = –6 dB, Rx LPF Bypassed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com