Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9975ABSTRL Datasheet(PDF) 18 Page - Analog Devices

Part # AD9975ABSTRL
Description  Broadband Modem Mixed-Signal Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9975ABSTRL Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9975ABSTRL Datasheet HTML 12Page - Analog Devices AD9975ABSTRL Datasheet HTML 13Page - Analog Devices AD9975ABSTRL Datasheet HTML 14Page - Analog Devices AD9975ABSTRL Datasheet HTML 15Page - Analog Devices AD9975ABSTRL Datasheet HTML 16Page - Analog Devices AD9975ABSTRL Datasheet HTML 17Page - Analog Devices AD9975ABSTRL Datasheet HTML 18Page - Analog Devices AD9975ABSTRL Datasheet HTML 19Page - Analog Devices AD9975ABSTRL Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
REV. 0
–18–
AD9975
Bit 7: RX LPF Tuning Update Disable
Setting this bit high disables the automatic background receive
filter calibration. The AD9975 automatically calibrates the
receive filter on reset and every few (~2) seconds thereafter to
compensate for process and temperature variation, power supply,
and long term drift. Programming a 1 to this bit disables this
function. Programming a 0 triggers an immediate first calibration
and enables the periodic update.
Register 5, Receive Filter Tuning Target
This register sets the filter tuning target as a function of FOSCIN.
See Register 4 description.
Register 6, RX Path Gain Adjust
The AD9975 uses a combination of a continuous time PGA
(CPGA) and a switched capacitor PGA (SPGA) for a gain range
of –6 dB to +36 dB with a resolution of 2 dB. The RX path gain
can be programmed over the serial interface by writing to the
RX path Gain Adjust Register or directly using the GAIN and
MSB aligned TX[5:1] Bits. The register default value is 0x00 for
the lowest gain setting (–6 dB). The register always reads back the
actual gain setting irrespective of which of the two programming
modes was used.
Bits [4:0]: RX PGA Gain
Table VI describes the gains and how they are achieved as a
function of the RX path adjust bits. It should be noted that the
value of these bits will read back the actual gain value to which
the PGA is set. If Bit 5 of this register is low, then the value read
back will be that set by the AGC[2:0] Pins.
Bit 5: PGA Gain Set through Register
Setting this bit high will result in the RX path gain being set by
writing to the PGA Gain Control Register. Default is zero, which
selects writing the gain through the AGC[2:0] pins in conjunction
with the RXBOOST pin.
Bit 6: RXBOOST
This bit is read-only. It reflects the level of the RXBOOST pin.
Bit 7: RXBOOST Active Low
Setting this bit high results in the value mapped to the RXBOOST
pin by the AGC inputs being inverted.
Table VI. PGA Programming Map
RX Path
RX Path
CPGA
SPGA
Gain [4:0]
Gain
Gain
Gain
0x00
–6
0
–6
0x01
–4
0
–4
0x02
–2
0
–2
0x03
0
0
0
0x04
2
0
2
0x05
4
0
4
0x06
6
6
0
0x07
8
6
2
0x08
10
6
4
0x09
12
12
0
0x0A
14
12
2
0x0B
16
12
4
0x0C
18
18
0
0x0D
20
18
2
0x0E
22
18
4
0x0F
24
24
0
0x10
26
24
2
0x11
28
24
4
0x12
*
30/30
24/30
6/0
0x13
*
30/32
24/30
6/2
0x14
*
30/34
24/30
6/4
0x15
*
30/36
24/30
6/6
*When the wideband RX filter bit is set high, the RX path gain is limited to 30 dB.
The first of the two values refers to the mode when the lower RX LPF cutoff
frequency is chosen, or when the RX LPF filter is bypassed.
Register 7, Transmit Path Settings
Bit 0: TX Data Input Twos Complement
Setting this bit high changes the TX path input data format to
twos complement. When this bit is low, the TX data format is
straight binary.
Bit 1: Sample TX Data on Falling TXCLKIN
If Bit 1 is set high, the TX path data will be sampled on the
falling edge of TXCLKIN. When this bit is low, the data will be
sampled on the rising edge of TXCLKIN.
Bit 4 to Bit 7: Interpolation Filter Select
Bits 4 to 7 define the interpolation filter characteristic and inter-
polation rate.
Bits 7:4;
0x1; see TPC 1. 2
Interpolation, LPF.
0x2; Interpolation Bypass.
0x5; see TPC 2. 2
Interpolation, BPF, Adj image.
The interpolation factor has a direct influence on the rate at
which the TX path will read the input data-words from the input
buffer. When the interpolation filter has been bypassed, the data
will be read out of the buffer at a rate of FOSCIN
L. When the
interpolator is configured to run in either of the 2
interpola-
tion modes, the data will be read out of the buffer at a rate of
0.5
FOSCIN
L.
Register 8, Receiver and Clock Output Settings
Bit 0: Rx Data Output Twos Complement
Setting this bit high changes the RX path input data format to
twos complement. When this bit is low, the RX data format is
straight binary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com