Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8839 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM8839
Description  Charge Pump Regulator for Color TFT Panels
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8839 Datasheet(HTML) 1 Page - Analog Devices

  ADM8839 Datasheet HTML 1Page - Analog Devices ADM8839 Datasheet HTML 2Page - Analog Devices ADM8839 Datasheet HTML 3Page - Analog Devices ADM8839 Datasheet HTML 4Page - Analog Devices ADM8839 Datasheet HTML 5Page - Analog Devices ADM8839 Datasheet HTML 6Page - Analog Devices ADM8839 Datasheet HTML 7Page - Analog Devices ADM8839 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
ADM8839
Charge Pump Regulator
for Color TFT Panels
FUNCTIONAL BLOCK DIAGRAM
OSCILLATOR
CONTROL
LOGIC
TIMING
GENERATOR
SHUTDOWN
CONTROL
DISCHARGE
VOLTAGE
INVERTER
VOLTAGE
TRIPLER
LDO
VOLTAGE
REGULATOR
VOLTAGE
DOUBLER
C1+
C1–
LDO_IN
VOUT
+5VOUT
C2+
C2–
C3+
C3–
+15VOUT
C4+
C4–
–15VOUT
–15V
+15V
+5V
GND
SHDN
LDO_ON/
OFF
VCC
DOUBLE
TRIPLE
C5, 2.2 F
C1, 2.2 F
C6, 2.2 F
C7, 2.2 F
C8, 0.22 F
C9, 0.22 F
C2, 0.22 F
C3, 0.22 F
C4, 0.22 F
ADM8839
+5VIN
GENERAL DESCRIPTION
The ADM8839 is a charge pump regulator used for color thin film
transistor (TFT) liquid crystal displays (LCDs). Using charge
pump technology, the device can be used to generate three
voltages (+5 V
±2%, +15 V, –15 V) from a single 3 V supply.
These voltages are then used to provide supplies for the LCD
controller (5 V) and the gate drives for the transistors in the
panel (+15 V and –15 V). Only a few external capacitors are
needed for the charge pumps. An efficient low dropout (LDO)
voltage regulator ensures that the power efficiency is high and
provides a low ripple 5 V output. This LDO can be shut down
and an external LDO can be used to regulate the 5 V doubler
output and drive the input to the charge pump section that
generates the +15 V and –15 V outputs, if required by the user.
FEATURES
3 Voltages (+5 V, +15 V, –15 V) from
a Single 3 V Supply
Power Efficiency Optimized for Use
with TFT in Mobile Phones
Low Quiescent Current
Low Shutdown Current (<5
A)
Shutdown Function
Option to Use External LDO
APPLICATIONS
Hand-held Instruments
TFT LCD Panels
Cellular Phones
The ADM8839 has a power save shutdown feature. The 5 V
output consumes the most power, so power efficiency is also
maximized on this output with an oscillator enabling scheme
(Green Idle™). This effectively senses the load current that is
flowing and turns on the charge pump only when charge needs
to be delivered to the 5 V pump doubler output.
The ADM8839 is fabricated using CMOS technology for minimal
power consumption. The part is packaged in a 20-lead LFCSP
(lead frame chip scale package).


Similar Part No. - ADM8839

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8839 AD-ADM8839_15 Datasheet
372Kb / 12P
Charge Pump Regulator for Color TFT Panels
REV. C
More results

Similar Description - ADM8839

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8832 AD-ADM8832 Datasheet
202Kb / 12P
Charge Pump Regulator for Color TFT Panel
4/04-Changed from Rev. 0 to Rev. A
ADM8840 AD-ADM8840 Datasheet
166Kb / 10P
Charge Pump Regulator & COM Driver for Color TFT Panel
ADM8830 AD-ADM8830 Datasheet
1Mb / 8P
Charge Pump Regulator for Color TFT Panel
10/03-Data Sheet changed from REV. A to REV. B.
logo
Rohm
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
logo
Analog Devices
ADM8830 AD-ADM8830_15 Datasheet
979Kb / 8P
Charge Pump Regulator for Color TFT Panel
REV. B
ADM8832 AD-ADM8832_15 Datasheet
212Kb / 12P
Charge Pump Regulator for Color TFT Panel
REV. A
ADM8839 AD-ADM8839_15 Datasheet
372Kb / 12P
Charge Pump Regulator for Color TFT Panels
REV. C
logo
E-CMOS Corporation
EC6585D E-CMOS-EC6585D Datasheet
469Kb / 7P
2 Channel Charge Pump Supply for TFT-LCD
EC6585 E-CMOS-EC6585 Datasheet
593Kb / 8P
2 Channel Charge Pump Supply for TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com