Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS276 Datasheet(PDF) 3 Page - Anachip Corp

Part # ATS276
Description  Complementary Output Hall Effect Latch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ATS276 Datasheet(HTML) 3 Page - Anachip Corp

  ATS276 Datasheet HTML 1Page - Anachip Corp ATS276 Datasheet HTML 2Page - Anachip Corp ATS276 Datasheet HTML 3Page - Anachip Corp ATS276 Datasheet HTML 4Page - Anachip Corp ATS276 Datasheet HTML 5Page - Anachip Corp ATS276 Datasheet HTML 6Page - Anachip Corp ATS276 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Complementary Output Hall Effect Latch
ATS276/277
Anachip Corp.
www.anachip.com.tw
Rev.B1 Mar 17, 2004
3/7
ATC
Absolute Maximum Ratings ( at Ta=25°C )
Characteristics
Symbol
Values
Unit
Supply voltage
VCC
20
V
Reverse VCC Polarity Voltage
VRCC
-20
V
Magnetic flux density
B
Unlimited
Continuous
0.4
Hold
0.5
Output “on” current
Peak (Start Up)
Ic
0.7
A
Operating temperature range
Ta
-20~+85
°C
Storage temperature range
Ts
-65~+150
°C
Package Power Dissipation
PD
550
mW
Maximum Junction Temp
Tj
150
°C
Electrical Characteristics ( T=+25°C Vcc = 4.0V to 20V )
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Low Supply Voltage
Vce
Vcc=3.5V, IL=100mA
0.4
V
Supply Voltage
Vcc
3.5
20
V
Output Zener Breakdown
Vz
46
V
Output Saturation Voltage
Vce(sat)
Vcc=14V, IL=300mA
0.3
0.6
V
Output Leakage Current
Icex
Vce=14V, Vcc=14V
<0.1
10
µA
Supply Current
Icc
Vcc=20V, Output Open
16
25
mA
Output Rise Time
tr
Vcc=14V, RL=820Ω, CL=20pF
3.0
10
µs
Output Falling Time
tf
Vcc=14V, RL=820Ω, CL=20pF
0.3
1.5
µs
Switch Time Differential
∆t
Vcc=14V, RL=820Ω, CL=20pF
3.0
10
µs
Test Circuit
277
(276)
CL1 CL2
14V
DO
DOB
RL1=RL2=820 Ohm
CL1=CL2=20 pF
RL2
RL1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com