Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS276 Datasheet(PDF) 1 Page - Anachip Corp

Part # ATS276
Description  Complementary Output Hall Effect Latch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ATS276 Datasheet(HTML) 1 Page - Anachip Corp

  ATS276 Datasheet HTML 1Page - Anachip Corp ATS276 Datasheet HTML 2Page - Anachip Corp ATS276 Datasheet HTML 3Page - Anachip Corp ATS276 Datasheet HTML 4Page - Anachip Corp ATS276 Datasheet HTML 5Page - Anachip Corp ATS276 Datasheet HTML 6Page - Anachip Corp ATS276 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Complementary Output Hall Effect Latch
ATS276/277
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.B1 Mar 17, 2004
1/7
ATC
Features
- On-chip Hall sensor with two different sensitivity
and hysteresis settings for ATS276/277
- 3.5V to 20V operating voltage
- 400mA (avg) output sink current
- Build-in protecting diode only for chip reverse
power connecting
- -20
°C to 85°C operating temperature
- Low profile 4 pin SIP package
Applications
- Dual-coil Brush-less DC Motor
- Dual-coil Brush-less DC Fan
- Revolution Counting
- Speed Measurement
General Description
ATS276/277 are integrated Hall sensors with output
drivers, mainly designed for electronic commutation
of brush-less DC Fan. This IC internally includes
the regulator, protecting diode, Hall plate, amplifier,
comparator,
and
a
pair
of
complementary
open-collector outputs (DO, DOB).
While the magnetic flux density (B) is larger than
operate point (Bop), DO will turn on (low), and
meanwhile DOB will turn off (high). Each output is
latched until B is lower than release point (Brp),
and then DO、DOB transfer each state.
For DC fan application, sometimes need to test
power reverse connection condition. Internal diode
only protects chip-side but not for coil-side. If
necessary, add one external diode to block the
reverse current from coil-side.
Ordering Information
ATS27X X -X X X -X
Packing
Blank : Tube or Bulk
A : Tape & Reel
P: SIP-4L
Package
Lead
L : Lead Free
Blank: Normal
Wafer Body
Magnetic
Characteristics
Blank or
A~Z : if necessary
to specify
276:A or B or C
Part No.
6 : ATS276
7 : ATS277
277:A or B
Typical Application Circuit
12
4
3
27X
coil1
coil2
Vcc
Brush-less DC Fan


Similar Part No. - ATS276

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
ATS270A CTS-ATS270A Datasheet
182Kb / 6P
ATS ATS-SM Series
ATS270A CTS-ATS270A Datasheet
182Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS270A CTS-ATS270A Datasheet
181Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS270A CTS-ATS270A Datasheet
182Kb / 6P
Standard HC-49/US [thru-hole] and HC-49/US-SM surface mount Packages
ATS270A-E CTS-ATS270A-E Datasheet
182Kb / 6P
ATS ATS-SM Series
More results

Similar Description - ATS276

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3275 ALLEGRO-3275 Datasheet
65Kb / 4P
COMPLEMENTARY-OUTPUT HALL-EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH276 BCDSEMI-AH276 Datasheet
178Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH277A BCDSEMI-AH277A Datasheet
172Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
AH276Q DIODES-AH276Q Datasheet
238Kb / 6P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276Q Rev. 1
logo
Unisonic Technologies
H654 UTC-H654_10 Datasheet
125Kb / 5P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
AH276Q DIODES-AH276Q_09 Datasheet
188Kb / 8P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev erse
logo
Nanjing Ouzhuo Technolo...
OH277 OHHALLSENSOR-OH277 Datasheet
190Kb / 5P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
AH277A DIODES-AH277A Datasheet
857Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev ersed
AH276 DIODES-AH276 Datasheet
868Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev ersed
logo
Unisonic Technologies
H654 UTC-H654_15 Datasheet
125Kb / 5P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com