Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGPC30F Datasheet(PDF) 5 Page - International Rectifier

Part # IRGPC30F
Description  INSULATED GATE BIPOLAR TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPC30F Datasheet(HTML) 5 Page - International Rectifier

  IRGPC30F Datasheet HTML 1Page - International Rectifier IRGPC30F Datasheet HTML 2Page - International Rectifier IRGPC30F Datasheet HTML 3Page - International Rectifier IRGPC30F Datasheet HTML 4Page - International Rectifier IRGPC30F Datasheet HTML 5Page - International Rectifier IRGPC30F Datasheet HTML 6Page - International Rectifier IRGPC30F Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IRGPC30F
Fig. 7 - Typical Capacitance vs.
Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs.
Gate-to-Emitter Voltage
Fig. 9 - Typical Switching Losses vs. Gate
Resistance
Fig. 10 - Typical Switching Losses vs.
Case Temperature
2.2
2.3
2.4
2.5
2.6
2.7
0
1020304050
60
G
R
, Gate Resistance ( )
Ω
W
V
= 480V
V
= 15V
T
= 25°C
I
= 17A
CC
GE
C
C
1
10
-60
-40
-20
0
20
40
60
80
100 120 140 160
C
T , Case Temperature (°C)
R
= 23
V
= 15V
V
= 480V
G
GE
CC
Ω
I
= 34A
I
= 17A
I
= 8.5A
C
C
C
0
200
400
600
800
1000
1200
1400
110
100
CE
V
, Collector-to-Emitter Voltage (V)
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GE
ies
ge
gc
ce
res
gc
oes
ce
gc
Cies
Cres
Coes
0
4
8
12
16
20
0
5
10
15
20
25
30
Q , Total Gate Charge (nC)
g
V
= 400V
I
= 17A
CE
C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com