Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGPC30F Datasheet(PDF) 6 Page - International Rectifier

Part # IRGPC30F
Description  INSULATED GATE BIPOLAR TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPC30F Datasheet(HTML) 6 Page - International Rectifier

  IRGPC30F Datasheet HTML 1Page - International Rectifier IRGPC30F Datasheet HTML 2Page - International Rectifier IRGPC30F Datasheet HTML 3Page - International Rectifier IRGPC30F Datasheet HTML 4Page - International Rectifier IRGPC30F Datasheet HTML 5Page - International Rectifier IRGPC30F Datasheet HTML 6Page - International Rectifier IRGPC30F Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRGPC30F
Fig. 12 - Turn-Off SOA
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
Dimensions in Millimeters and (Inches)
CONFORMS TO JEDEC OUTLINE TO-247AC (TO-3P)
- D -
5.30 ( .209)
4.70 ( .185)
3.65 (.143)
3.55 (.140)
2.50 (.089)
1.50 (.059)
4
3X
0.80 ( .031)
0.40 ( .016)
2.60 (.102)
2.20 (.087)
3.40 (.133)
3.00 (.118)
3X
0.25 ( .010) M
C A S
4.30 (.170)
3.70 (.145)
- C -
2X
5.50 (.217)
4.50 (.177)
5.50 (.217)
0.25 (.010)
1.40 (.056)
1.00 (.039)
D
M
M
B
- A -
15.90 ( .626)
15.30 ( .602)
- B -
1
23
20.30 (.800)
19.70 (.775)
14.80 (.583)
14.20 (.559)
2.40 (.094)
2.00 (.079)
2X
2X
5.45 ( .215)
*
NO TES:
1 DIMENSIO NS & T OLERANCING
PER ANSI Y14.5M, 1982.
2 CONTROLLING DIMENSION : INCH.
3 DIMENSIO NS ARE SHOW N
MILLIMETE RS (INCHES).
4 CONFO RM S TO JEDEC OUTLINE
T O-247AC.
LEAD ASSIGNMENT S
1 - GAT E
2 - CO LLECTO R
3 - EMIT TER
4 - CO LLECTO R
* LONGER LEADED (20mm)
VERS ION AVAILAB LE (TO-247AD)
TO ORDE R ADD "-E " SUFF IX
TO PART NUMBER
2
4
6
8
10
0
10203040
C
I
, Collector-to-Emitter Current (A)
R
= 23
T
= 150°C
V
= 480V
V
= 15V
G
C
CC
GE
Ω
1
10
100
1000
1
10
100
1000
CE
GE
V
, Collector-to-Emitter Voltage (V)
SAFE OPERATING AREA
V
= 20V
T
= 125°C
GE
J



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com