Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8615 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8615
Description  130/225 MHz Low Power Dual Modulus Prescaler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8615 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS8615 Datasheet HTML 1Page - National Semiconductor (TI) DS8615 Datasheet HTML 2Page - National Semiconductor (TI) DS8615 Datasheet HTML 3Page - National Semiconductor (TI) DS8615 Datasheet HTML 4Page - National Semiconductor (TI) DS8615 Datasheet HTML 5Page - National Semiconductor (TI) DS8615 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5240
July 1992
DS8615DS8616 130225 MHz
Low Power Dual Modulus Prescalers
General Description
The DS8615 series products are low power dual modulus
prescalers which divide by 3233 and 4041 respectively
The modulus control (MC) input selects division by N when
at a high TTL level and division by N a 1 when at a low TTL
level The clock inputs are buffered providing 40100
mVrms input sensitivity The two outputs provide the user
the option to wire either a totem-pole or open-collector out-
put structure Additionally the user can wire a resistor be-
tween the two output pins to minimize edge transition emis-
sions The outputs are designed to drive positive edge trig-
gered PLLs These products can be operated from either an
unregulated 55V to 135V source or regulated 5V g10%
source Unregulated operation is obtained by connecting VS
to the source with VREG open Regulated operation is ob-
tained by connecting both VS and VREG to the supply
source
The device can be used in phase-locked loop applications
such as FM radio or other communications bands to pre-
scale the input frequency down to a more usable level A
digital frequency display system can also be derived sepa-
rately or in conjunction with a phase-locked loop and it can
extend the useful range of many inexpensive frequency
counters to 225 MHz
Features
Y
Input frequency 130 MHz (-4) 225 MHz (-2)
Y
Low power 10 mA (-4 -2)
Y
Input sensitivity 100 mVrms (-4) 40 mVrms (-2)
Y
Pin compatible with Motorola MC12015-16 prescalers
Y
Unregulatedregulated power supply option
Logic and Connection Diagrams
Generalized d NN a1
TLF5240 1
Dual-In-Line Package
TLF5240 2
Top View
Order Number DS8615N or DS8616N (-4 -2)
See NS Package Number N08E
C1995 National Semiconductor Corporation
RRD B30M105Printed in U S A


Similar Part No. - DS8615

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8627 NSC-DS8627 Datasheet
92Kb / 4P
130/225 MHz Low Power Prescalers
DS8627N NSC-DS8627N Datasheet
92Kb / 4P
130/225 MHz Low Power Prescalers
DS8628 NSC-DS8628 Datasheet
92Kb / 4P
130/225 MHz Low Power Prescalers
DS8628N NSC-DS8628N Datasheet
92Kb / 4P
130/225 MHz Low Power Prescalers
DS8629 NSC-DS8629 Datasheet
164Kb / 3P
120 MHz DIVIDE BY 100 PRESCALER
More results

Similar Description - DS8615

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8627 NSC-DS8627 Datasheet
92Kb / 4P
130/225 MHz Low Power Prescalers
logo
Freescale Semiconductor...
MC12019 FREESCALE-MC12019 Datasheet
237Kb / 3P
Dual Modulus Prescaler
logo
Motorola, Inc
MC12009 MOTOROLA-MC12009 Datasheet
214Kb / 15P
Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12015 LANSDALE-ML12015 Datasheet
310Kb / 4P
Dual Modulus Prescaler
ML12019 LANSDALE-ML12019 Datasheet
958Kb / 4P
Dual Modulus Prescaler
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
1.1 GHz Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12015 MOTOROLA-MC12015 Datasheet
240Kb / 3P
Dual Modulus Prescaler
MC12058 MOTOROLA-MC12058 Datasheet
260Kb / 6P
1.1 GHz Low Power Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12019 LANSDALE-ML12019_08 Datasheet
171Kb / 4P
Dual Modulus Prescaler
ML12015 LANSDALE-ML12015_08 Datasheet
135Kb / 4P
Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com