Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS7831W/883 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS7831W/883
Description  Dual TRI-STATEÉ Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS7831W/883 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS7831W/883 Datasheet HTML 1Page - National Semiconductor (TI) DS7831W/883 Datasheet HTML 2Page - National Semiconductor (TI) DS7831W/883 Datasheet HTML 3Page - National Semiconductor (TI) DS7831W/883 Datasheet HTML 4Page - National Semiconductor (TI) DS7831W/883 Datasheet HTML 5Page - National Semiconductor (TI) DS7831W/883 Datasheet HTML 6Page - National Semiconductor (TI) DS7831W/883 Datasheet HTML 7Page - National Semiconductor (TI) DS7831W/883 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Switching Characteristics TA
25 C VCC
5V unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd0
Propagation Delay to a Logical ‘‘0’’
from Inputs A1 A2 B1 B2
13
25
ns
Differential Single-ended Mode
Control to Outputs
tpd1
Propagation Delay to a Logical ‘‘1’’
from Inputs A1 A2 B1 B2
13
25
ns
Differential Single-ended Mode
Control to Outputs
t1H
Delay from Disable Inputs to High
Impedance State (from Logical ‘‘1’’
(See
Figures 4 and 5 )
612
ns
Level)
t0H
Delay from Disable Inputs to High
Impedance State (from Logical ‘‘0’’
14
22
ns
Level)
tH1
Propagation Delay from Disable Inputs
to Logical ‘‘1’’ Level (from High
14
22
ns
Impedance State)
tH0
Propagation Delay from Disable Inputs
to Logical ‘‘0’’ Level (from High
18
27
ns
Impedance State)
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Unless otherwise specified minmax limits apply across the
55 Cto a125 C temperature range for the DS7831 and DS7832 and across the 0 Cto
a
70 C range for the DS8831 and DS8832 All typical values are for TA
25 C and VCC
5V
Note 3
All currents into device pins shown as positive out of device pins as negative all voltage referenced to ground unless otherwise noted All values shown as
max or min on absolute value basis
Note 4
Applies for TA
125 C only Only one output should be shorted at a time
Mode of Operation
To operate as a quad single-ended line driver apply logical
‘‘0’’s to the output disable pins (to keep the outputs in the
normal low impedance mode) and apply logical ‘‘0’’s to both
DifferentialSingle-ended Mode Control inputs
All four
channels will then operate independently and no signal in-
version will occur between inputs and outputs
To operate as a dual differential line driver apply logical
‘‘0’’s to the Output Disable pins and apply at least one logi-
cal ‘‘1’’ to the DifferentialSingle-ended Mode Control in-
puts
The inputs to the A channels should be connected together
and the inputs to the B channels should be connected to-
gether
In this mode the signals applied to the resulting inputs will
pass non-inverted on the A2 and B2 outputs and inverted on
the A1 and B1 outputs
When operating in a bus-organized system with outputs tied
directly to outputs of other DS7831DS8831’s DS7832
DS8832’s
(Figure 1) all devices except one must be placed
in the ‘‘high impedance’’ state This is accomplished by en-
suring that a logical ‘‘1’’ is applied to at least one of the
Output Disable pins of each device which is to be in the
‘‘high impedance’’ state A NOR gate was purposely chosen
for this function since it is possible with only two DM5442
DM7442 BCD-to-decimal decoders to decode as many as
100 DS7831DS8831’s DS7832DS8832’s
(Figure 2)
The unique device whose Disable inputs receive two logical
‘‘0’’ levels assumes the normal low impedance output state
providing good capacitive drive capability and waveform in-
tegrity especially during the transition from the logical ‘‘0’’ to
logical ’’1’’ state The other outputsin the high impedance
statetake only a small amount of leakage current from the
low impedance outputs Since the logical ‘‘1’’ output current
from the selected device is 100 times that of a conventional
Series 5474 device (40 mA vs 400 mA) the output is easily
able to supply that leakage current for several hundred oth-
er DS7831DS8831’s DS7832DS8832’s and still have
available drive for the bus line
(Figure 3)
http
www nationalcom
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com