Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS7831W/883 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS7831W/883
Description  Dual TRI-STATEÉ Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS7831W/883 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS7831W/883 Datasheet HTML 1Page - National Semiconductor (TI) DS7831W/883 Datasheet HTML 2Page - National Semiconductor (TI) DS7831W/883 Datasheet HTML 3Page - National Semiconductor (TI) DS7831W/883 Datasheet HTML 4Page - National Semiconductor (TI) DS7831W/883 Datasheet HTML 5Page - National Semiconductor (TI) DS7831W/883 Datasheet HTML 6Page - National Semiconductor (TI) DS7831W/883 Datasheet HTML 7Page - National Semiconductor (TI) DS7831W/883 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF5800
February 1996
DS7831DS8831DS7832DS8832
Dual TRI-STATE
Line Driver
General Description
Through
simple
logic
control
the
DS7831DS8831
DS7832DS8832 can be used as either a quad single-end-
ed line driver or a dual differential line driver They are spe-
cifically designed for party line (bus-organized) systems
The DS7832DS8832 does not have the VCC clamp diodes
found on the DS7831DS8831
The DS7831 and DS7832 are specified for operation over
the b55 Cto a125 C military temperature range The
DS8831 and DS8832 are specified for operation over the
0 Cto a70 C temperature range
Features
Y
Series 5474 compatible
Y
17 ns propagation delay
Y
Very low output impedancehigh drive capability
Y
40 mA sink and source currents
Y
Gating control to allow either single-ended or differen-
tial operation
Y
High impedance output state which allows many out-
puts to be connected to a common bus line
Connection and Logic Diagram
Dual-In-Line Package
TLF5800 1
Top View
Order Number DS8831N DS8832J or DS8832N
See NS Package Number J16A or N16A
For Complete Military 883 Specificatons
See RETS Data Sheet
Order Number DS7831J883 DS7831W883
DS7832J883 or DS7832W883
See NS Package Number J16A or W16A
Truth Table (Shown for A Channels Only)
Differential
‘‘A’’ Output Disable
Single-Ended
Input A1
Output A1
Input A2
Output A2
Mode Control
00
0
0
Logical ‘‘1’’ or
Same as
Logical ‘‘1’’ or
Same as
Logical ‘‘0’’
Input A1
Logical ‘‘0’’
Input A2
00
X
1
Logical ‘‘1’’ or Opposite of Logical ‘‘1’’ or
Same as
1
X
Logical ‘‘0’’
Input A1
Logical ‘‘0’’
Input A2
1X
High
High
X1
X
X
X
Impedance
X
Impedance
State
State
X
Don’t Care
TRI STATE
is a registered trademark of National Semiconductor Corp
C1996 National Semiconductor Corporation
RRD B30M36Printed in U S A
http
www nationalcom


Similar Part No. - DS7831W/883

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS7831W/883 TI1-DS7831W/883 Datasheet
271Kb / 13P
Dual TRI-STATE Line Driver
More results

Similar Description - DS7831W/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3487 NSC-DS3487 Datasheet
157Kb / 6P
Quad TRI-STATE Line Driver
DS75113 NSC-DS75113 Datasheet
201Kb / 10P
Dual TRI-STATE Differential Line Driver
logo
Analog Devices
DS8924 AD-DS8924 Datasheet
181Kb / 3P
Quad TRI-STATE Differential Line Driver
logo
National Semiconductor ...
DS3587 NSC-DS3587 Datasheet
295Kb / 3P
QUAD TRI-STATE LINE DRIVER
DS7831 NSC-DS7831_99 Datasheet
232Kb / 11P
Dual TRI-STATE Line Driver
logo
Texas Instruments
DS3487M TI1-DS3487M Datasheet
760Kb / 11P
DS3487 Quad TRI-STATE Line Driver
DS3487 TI1-DS3487_15 Datasheet
773Kb / 11P
Quad TRI-STATE Line Driver
DS7831 TI1-DS7831_11 Datasheet
271Kb / 13P
Dual TRI-STATE Line Driver
logo
National Semiconductor ...
DS1648 NSC-DS1648 Datasheet
120Kb / 6P
TRI-STATEÉ TTL to MOS Multiplexers/Drivers
February 1986
MM54HC299 NSC-MM54HC299 Datasheet
143Kb / 6P
8-Bit TRI-STATEÉ Universal Shift Register
January 1988
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com