Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K15FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM3K15FS
Description  High Speed Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K15FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM3K15FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3K15FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3K15FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3K15FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3K15FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM3K15FS
2001-12-04
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K15FS
High Speed Switching Applications
Analog Switching Applications
· Compact package suitable for high-density mounting
· Low ON-resistance
: Ron = 4.0 Ω (max) (@VGS = 4 V)
: Ron = 7.0 Ω (max) (@VGS = 2.5 V)
Maximum Ratings (Ta
==== 25°C)
Characteristic
Symbol
Rating
Unit
Drain-Source voltage
VDS
30
V
Gate-Source voltage
VGSS
±20
V
DC
ID
100
Drain current
Pulse
IDP
200
mA
Drain power dissipation (Ta
= 25°C)
PD
100
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
-55~150
°C
Marking
Equivalent Circuit
Handling Precaution
When handling individual devices (which are not yet mounted on a circuit board), be sure that the
environment is protected against electrostatic electricity. Operators should wear anti-static clothing, and
containers and other objects that come into direct contact with devices should be made of anti-static materials.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-2H1B
Weight: 2.4 mg (typ.)
D P
1
2
3
12
3


Similar Part No. - SSM3K15FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K15FS TOSHIBA-SSM3K15FS Datasheet
177Kb / 5P
High Speed Switching Applications
SSM3K15FST5LFT TOSHIBA-SSM3K15FST5LFT Datasheet
177Kb / 5P
High Speed Switching Applications
SSM3K15FS TOSHIBA-SSM3K15FS_07 Datasheet
166Kb / 5P
Silicon N Channel MOS Type High Speed Switching Applications
More results

Similar Description - SSM3K15FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
High Speed Switching Applications Analog Switching Applications
2SJ344 TOSHIBA-2SJ344_07 Datasheet
580Kb / 5P
High Speed Switching Applications
2SJ346 TOSHIBA-2SJ346_07 Datasheet
568Kb / 5P
High Speed Switching Applications
1SS419 TOSHIBA-1SS419 Datasheet
122Kb / 3P
High-Speed Switching Applications
SSM3K04FV TOSHIBA-SSM3K04FV Datasheet
527Kb / 5P
High Speed Switching Applications
SSM3K15FU TOSHIBA-SSM3K15FU_07 Datasheet
202Kb / 5P
High Speed Switching Applications
logo
Guangdong Kexin Industr...
2SC4522 KEXIN-2SC4522 Datasheet
45Kb / 2P
High-Speed Switching Applications
logo
Toshiba Semiconductor
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
High-Speed Switching Applications Analog Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com