Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K15FS Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SSM3K15FS
Description  High Speed Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K15FS Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SSM3K15FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3K15FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3K15FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3K15FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3K15FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSM3K15FS
2001-12-04
2
Electrical Characteristics (Ta
==== 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0
¾
¾
±1
mA
Drain-Source breakdown voltage
V (BR) DSS
ID = 0.1 mA, VGS = 0
30
¾
¾
V
Drain Cut-off current
IDSS
VDS = 30 V, VGS = 0
¾
¾
1
mA
Gate threshold voltage
Vth
VDS = 3 V, ID = 0.1 mA
0.8
¾
1.5
V
Forward transfer admittance
|Yfs|
VDS = 3 V, ID = 10 mA
25
¾
¾
mS
ID = 10 mA, VGS = 4 V
¾
2.2
4.0
Drain-Source ON resistance
RDS (ON)
ID = 10 mA, VGS = 2.5 V
¾
4.0
7.0
W
Input capacitance
Ciss
VDS = 3 V, VGS = 0, f = 1 MHz
¾
7.8
¾
pF
Reverse transfer capacitance
Crss
VDS = 3 V, VGS = 0, f = 1 MHz
¾
3.6
¾
pF
Output capacitance
Coss
VDS = 3 V, VGS = 0, f = 1 MHz
¾
8.8
¾
pF
Turn-on time
ton
¾
50
¾
Switching time
Turn-off time
toff
VDD = 5 V, ID = 10 mA,
VGS = 0~5 V
¾
180
¾
ns
Switching Time Test Circuit
(a) Test circuit
(b) VIN
Precaution
Vth can be expressed as voltage between gate and source when low operating current value is ID = 100 mA for
this product. For normal switching operation, VGS (on) requires higher voltage than Vth and VGS (off) requires
lower voltage than Vth.
(relationship can be established as follows: VGS (off) < Vth < VGS (on) )
Please take this into consideration for using the device.
VGS recommended voltage of 2.5 V or higher to turn on this product.
VDD = 5 V
D.U. <= 1%
VIN: tr, tf < 5 ns
(Zout = 50 W)
Common source
Ta
= 25°C
VDD
OUT
IN
5 V
0
10
ms
RL
(c) VOUT
ton
90%
10%
0 V
5 V
10%
90%
toff
tr
tf
VDD
VDS (ON)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com