Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320BB Datasheet(PDF) 13 Page - STMicroelectronics

Part # M28W320BB
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320BB Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M28W320BB Datasheet HTML 9Page - STMicroelectronics M28W320BB Datasheet HTML 10Page - STMicroelectronics M28W320BB Datasheet HTML 11Page - STMicroelectronics M28W320BB Datasheet HTML 12Page - STMicroelectronics M28W320BB Datasheet HTML 13Page - STMicroelectronics M28W320BB Datasheet HTML 14Page - STMicroelectronics M28W320BB Datasheet HTML 15Page - STMicroelectronics M28W320BB Datasheet HTML 16Page - STMicroelectronics M28W320BB Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
13/43
M28W320BT, M28W320BB
Table 3. Commands
Note: 1. X = Don't Care.
2. A0=VIL outputs Manufacturer code, A0=VIH outputs Device code. Address A7-A1 must be VIL.
3. Addr 1 and Addr 2 must be consecutive Addresses differing only for A0.
Table 4. Read Electronic Signature
Note:
RP =VIH.
Table 5. Memory Blocks Protection Truth Table
Note: 1. X = Don't Care
2. VPP must also be greater than the Program Voltage Lock Out VPPLK.
Commands
No. of
Cycles
Bus Write Operations
1st Cycle
2nd Cycle
3nd Cycle
Bus
Op.
Addr
Data
Bus
Op.
Addr
Data
Bus
Op.
Addr
Data
Read Memory Array
1+
Write
X
FFh
Read
Read
Addr
Data
Read Status Register
1+
Write
X
70h
Read
X
Status
Register
Read Electronic Signature
1+
Write
X
90h
Read
Signature
Addr
(2)
Signature
Read CFI Query
1+
Write
X
98h
Read
CFI Addr
Query
Erase
2
Write
X
20h
Write
Block
Addr
D0h
Program
2
Write
X
40h or
10h
Write
Addr
Data
Input
Double Word Program(3)
3
Write
X
30h
Write
Addr 1
Data
Input
Write
Addr 2
Data
Input
Clear Status Register
1
Write
X
50h
Program/Erase Suspend
1
Write
X
B0h
Program/Erase Resume
1
Write
X
D0h
Code
Device
E
G
W
A0
A1-A7
A8-A20
DQ0-DQ7
DQ8-DQ15
Manufacture.
Code
VIL
VIL
VIH
VIL
VIL
Don't Care
20h
00h
Device Code
M28W320CT
VIL
VIL
VIH
VIH
VIL
Don't Care
BCh
88h
M28W320CB
VIL
VIL
VIH
VIH
VIL
Don't Care
BDh
88h
VPP
(1)
RP
WP (1)
Lockable Blocks
(blocks #0 and #1)
Other Blocks
X
VIL
X
Protected
Protected
VIL
VIH
X
Protected
Protected
VDD or VPPH
(2)
VIH
VIL
Protected
Unprotected
VDD or VPPH
(2)
VIH
VIH
Unprotected
Unprotected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com