Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320BB Datasheet(PDF) 14 Page - STMicroelectronics

Part # M28W320BB
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320BB Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M28W320BB Datasheet HTML 10Page - STMicroelectronics M28W320BB Datasheet HTML 11Page - STMicroelectronics M28W320BB Datasheet HTML 12Page - STMicroelectronics M28W320BB Datasheet HTML 13Page - STMicroelectronics M28W320BB Datasheet HTML 14Page - STMicroelectronics M28W320BB Datasheet HTML 15Page - STMicroelectronics M28W320BB Datasheet HTML 16Page - STMicroelectronics M28W320BB Datasheet HTML 17Page - STMicroelectronics M28W320BB Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
M28W320BT, M28W320BB
14/43
Table 6. Program, Erase Times and Program/Erase Endurance Cycles
Parameter
Test Conditions
M28W320B
Unit
Min
Typ
Max
Word Program
VPP =VDD
10
200
µs
Double Word Program
VPP =12V ±5%
10
200
µs
Main Block Program
VPP =12V ±5%
0.16
5
s
VPP =VDD
0.32
5
s
Parameter Block Program
VPP =12V ±5%
0.02
4
s
VPP =VDD
0.04
4
s
Main Block Erase
VPP =12V ±5%
110
s
VPP =VDD
110
s
Parameter Block Erase
VPP =12V ±5%
0.8
10
s
VPP =VDD
0.8
10
s
Program/Erase Cycles (per Block)
100,000
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com