Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSDF02424X Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSDF02424X
Description  Dual - MOSMIC®– two AGC Amplifiers for TV–Tuner Prestage with 5 V Supply Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF02424X Datasheet(HTML) 2 Page - Vishay Siliconix

  TSDF02424X Datasheet HTML 1Page - Vishay Siliconix TSDF02424X Datasheet HTML 2Page - Vishay Siliconix TSDF02424X Datasheet HTML 3Page - Vishay Siliconix TSDF02424X Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TSDF02424X/TSDF02424XR
Vishay Semiconductors
www.vishay.com
2 (4)
Rev. 1, 12–Nov–01
Document Number 85088
All of following data and characteristics are valid for operating either
amplifier 1 (pin 1, 3, 2, 5) or amplifier 2 (pin 6, 4, 2, 5)
Absolute Maximum Ratings
Tamb = 25°C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Drain - source voltage
VDS
8
V
Drain current
ID
25
mA
Gate 1/Gate 2 - source peak current
±IG1/G2SM
10
mA
Gate 1/Gate 2 - source voltage
+VG1/±VG2SM
6
V
Gate 1/Gate 2 - source voltage
-VG1SM
1.5
V
Total power dissipation
Tamb  60 °C
Ptot
200
mW
Channel temperature
TCh
150
°C
Storage temperature range
Tstg
–55 to +150
°C
Maximum Thermal Resistance
Tamb = 25°C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Channel ambient
on glass fibre printed board (25 x 20 x 1.5) mm3
plated with 35
µm Cu
RthChA
450
K/W
Electrical DC Characteristics
Tamb = 25°C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Drain - source
breakdown voltage
ID = 10 µA, VG1S = VG2S = 0
V(BR)DSS
12
V
Gate 1 - source
breakdown voltage
+IG1S = 10 mA, VG2S = VDS = 0
+V(BR)G1SS
7
10
V
Gate 2 - source
breakdown voltage
±IG2S = 10 mA, VG2S = VDS = 0
±V(BR)G2SS
7
10
V
Gate 1 - source
leakage current
+VG1S = 5 V, VG2S = VDS = 0
+IG1SS
20
nA
Gate 2 - source
leakage current
±VG2S = 5 V, VG1S = VDS = 0
±IG2SS
20
nA
Drain - source
operating current
VDS = VRG1 = 5 V, VG2S = 4 V, RG1 = 56 kW
IDSO
8
13
18
mA
Gate 1 - source
cut-off voltage
VDS = 5 V, VG2S = 4, ID = 20 µA
VG1S(OFF)
0.5
1.3
V
Gate 2 - source
cut-off voltage
VDS = VRG1 = 5 V, RG1 = 56 kW, ID = 20 µA
VG2S(OFF)
0.8
1.0
1.4
V
Remark on improving intermodulation behavior:
By setting RG1 smaller than 56 kW, typical value of IDSO will raise and improved intermodulation behavior
will be performed.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com