Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSDF02424X Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSDF02424X
Description  Dual - MOSMIC®– two AGC Amplifiers for TV–Tuner Prestage with 5 V Supply Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF02424X Datasheet(HTML) 3 Page - Vishay Siliconix

  TSDF02424X Datasheet HTML 1Page - Vishay Siliconix TSDF02424X Datasheet HTML 2Page - Vishay Siliconix TSDF02424X Datasheet HTML 3Page - Vishay Siliconix TSDF02424X Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TSDF02424X/TSDF02424XR
Vishay Semiconductors
3 (4)
www.vishay.com
Document Number 85088
Rev. 1, 12–Nov–01
Electrical AC Characteristics
VDS = VRG1 = 5 V, VG2S = 4 V, RG1 = 56 kW, ID = IDSO, f = 1 MHz, Tamb = 25°C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Forward transadmittance
y21s
20
24
28
mS
Gate 1 input capacitance
Cissg1
1.7
2.1
pF
Feedback capacitance
Crss
15
30
fF
Output capacitance
Coss
0.9
pF
Power gain
GS = 2 mS, GL = 0.5 mS, f = 200 MHz
Gps
26
dB
Power gain
GS = 3.3 mS, GL = 1 mS, f = 800 MHz
Gps
16.5
21
dB
AGC range
VDS = 5 V, VG2S = 1 to 4 V, f = 800 MHz
∆Gps
45
dB
Noise figure
GS = 2 mS, GL = 0.5 mS, f = 200 MHz
F
1
dB
Noise figure
GS = 3.3 mS, GL = 1 mS, f = 800 MHz
F
1.3
dB
Cross modulation
Input level for k = 1 % @ 0 dB AGC
fw = 50 MHz, funw = 60 MHz
Xmod
90
dB
µV
Input level for k = 1 % @ 40 dB AGC
fw = 50 MHz, funw = 60 MHz
Xmod
100
105
dB
µV
Dimensions of TSDF02424X/TSDF02424XR in mm
14280



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com