Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW064C Datasheet(PDF) 21 Page - STMicroelectronics

Part # M58LW064C
Description  64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064C Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M58LW064C Datasheet HTML 17Page - STMicroelectronics M58LW064C Datasheet HTML 18Page - STMicroelectronics M58LW064C Datasheet HTML 19Page - STMicroelectronics M58LW064C Datasheet HTML 20Page - STMicroelectronics M58LW064C Datasheet HTML 21Page - STMicroelectronics M58LW064C Datasheet HTML 22Page - STMicroelectronics M58LW064C Datasheet HTML 23Page - STMicroelectronics M58LW064C Datasheet HTML 24Page - STMicroelectronics M58LW064C Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
21/61
M58LW064C
If the block being programmed is protected an er-
ror will be set in the Status Register and the oper-
ation will abort without affecting the data in the
memory array. The block must be unprotected us-
ing the Blocks Unprotect command.
Write to Buffer and Program Command. The
Write to Buffer and Program command is used to
program the memory array.
Up to 16 Words can be loaded into the Write Buffer
and programmed into the memory. Each Write
Buffer has the same A5-A22 addresses.
Four successive steps are required to issue the
command.
1. One Bus Write operation is required to set up
the Write to Buffer and Program Command. Is-
sue the set up command with the selected
memory Block Address where the program op-
eration should occur (any address in the block
where the values will be programmed can be
used). Any Bus Read operations will start to out-
put the Status Register after the 1st cycle.
2. Use one Bus Write operation to write the same
block address along with the value N on the
Data Inputs/Output, where N+1 is the number of
Words to be programmed.
3. Use N+1 Bus Write operations to load the ad-
dress and data for each Word into the Write
Buffer. See the constraints on the address com-
binations listed below. The addresses must
have the same A5-A22.
4. Finally, use one Bus Write operation to issue the
final cycle to confirm the command and start the
Program operation.
Invalid address combinations or failing to follow
the correct sequence of Bus Write cycles will set
an error in the Status Register and abort the oper-
ation without affecting the data in the memory ar-
ray. The Status Register should be cleared before
re-issuing the command.
If the block being programmed is protected an er-
ror will be set in the Status Register and the oper-
ation will abort without affecting the data in the
memory array. The block must be unprotected us-
ing the Blocks Unprotect command.
See Appendix C, Figure 23, Write to Buffer and
Program Flowchart and Pseudo Code, for a sug-
gested flowchart on using the Write to Buffer and
Program command.
Program/Erase Suspend Command. The
Pro-
gram/Erase Suspend command is used to pause a
Word Program, Write to Buffer and Program or
Erase operation. The command will only be ac-
cepted during a Program or an Erase operation. It
can be issued at any time during an Erase opera-
tion but will only be accepted during a Word Pro-
gram or Write to Buffer and Program command if
the Program/Erase Controller is running.
One Bus Write cycle is required to issue the Pro-
gram/Erase Suspend command and pause the
Program/Erase Controller. Once the command is
issued it is necessary to poll the Program/Erase
Controller Status bit (bit 7) to find out when the
Program/Erase Controller has paused; no other
commands will be accepted until the Program/
Erase Controller has paused. After the Program/
Erase Controller has paused, the memory will con-
tinue to output the Status Register until another
command is issued.
During the polling period between issuing the Pro-
gram/Erase Suspend command and the Program/
Erase Controller pausing it is possible for the op-
eration to complete. Once the Program/Erase
Controller Status bit (bit 7) indicates that the Pro-
gram/Erase Controller is no longer active, the Pro-
gram Suspend Status bit (bit 2) or the Erase
Suspend Status bit (bit 6) can be used to deter-
mine if the operation has completed or is suspend-
ed. For timing on the delay between issuing the
Program/Erase Suspend command and the Pro-
gram/Erase Controller pausing see Table 10.
During Program/Erase Suspend the Read Memo-
ry Array, Read Status Register, Read Electronic
Signature, Read Query and Program/Erase Re-
sume commands will be accepted by the Com-
mand Interface. Additionally, if the suspended
operation was Erase then the Write to Buffer and
Program, and the Program Suspend commands
will also be accepted. When a program operation
is completed inside a Block Erase Suspend the
Read Memory Array command must be issued to
reset the device in Read mode, then the Erase Re-
sume command can be issued to complete the
whole sequence. Only the blocks not being erased
may be read or programmed correctly.
See Appendix C, Figure 24, Program Suspend &
Resume Flowchart and Pseudo Code, and Figure
26, Erase Suspend & Resume Flowchart and
Pseudo Code, for suggested flowcharts on using
the Program/Erase Suspend command.
Program/Erase Resume Command. The
Pro-
gram/Erase Resume command can be used to re-
start
the
Program/Erase
Controller
after
a
Program/Erase Suspend operation has paused it.
One Bus Write cycle is required to issue the Pro-
gram/Erase Resume command. Once the com-
mand is issued subsequent Bus Read operations
read the Status Register.
Set Burst Configuration Register Command.
The Set Burst Configuration Register command is
used to write a new value to the Burst Configura-
tion Control Register which defines the burst
length, type, X and Y latencies, Synchronous/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com