Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW064C Datasheet(PDF) 49 Page - STMicroelectronics

Part # M58LW064C
Description  64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064C Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M58LW064C Datasheet HTML 45Page - STMicroelectronics M58LW064C Datasheet HTML 46Page - STMicroelectronics M58LW064C Datasheet HTML 47Page - STMicroelectronics M58LW064C Datasheet HTML 48Page - STMicroelectronics M58LW064C Datasheet HTML 49Page - STMicroelectronics M58LW064C Datasheet HTML 50Page - STMicroelectronics M58LW064C Datasheet HTML 51Page - STMicroelectronics M58LW064C Datasheet HTML 52Page - STMicroelectronics M58LW064C Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
49/61
M58LW064C
Table 32. Extended Query information
Note: 1. Bit7 to bit4 are coded in Hexadecimal and scaled in Volt while bit3 to bit0 are in Binary Code Decimal and scaled in mV.
Address
offset
Address
A22-A2
Data (Hex)
x16 Bus Width
Description
(P)h
31h
50h
"P"
Query ASCII string - Extended Table
(P+1)h
32h
52h
"R"
(P+2)h
33h
49h
"Y"
(P+3)h
34h
31h
Major version number
(P+4)h
35h
31h
Minor version number
(P+5)h
36h
CEh
Optional Feature: (1=yes, 0=no)
bit0, Chip Erase Supported (0=no)
bit1, Suspend Erase Supported (1=yes)
bit2, Suspend Program Supported (1=yes)
bit3, Protect/Unprotect Supported (1=yes)
bit4, Queue Erase Supported (0=no)
bit5, Instant Individual Block locking (0=no)
bit6, Protection bits supported (1=yes)
bit7, Page Read supported (1=yes)
bit8, Synchronous Read supported (1=yes)
bits 9 to 31 reserved for future use
(P+6)h
37h
01h
(P+7)h
38h
00h
(P+8)h
39h
00h
(P+9)h
3Ah
01h
Function allowed after Suspend:
Program allowed after Erase Suspend (1=yes)
Bit 7-1 reserved for future use
(P+A)h
3Bh
01h
Block Status Register
bit0, Block Protect Bit status active (1=yes)
bit1, Block Lock-Down Bit status active (not available)
bits 2 to 15 reserved for future use
(P+B)h
3Ch
00h
(P+C)h
3Dh
33h
VDD OPTIMUM Program/Erase voltage conditions
(P+D)h
3Eh
00h
VPP OPTIMUM Program/Erase voltage conditions
(P+E)h
3Fh
01h
OTP protection: No. of protection register fields
(P+F)h
40h
80h
Protection Register’s start address, least significant bits
(P+10)h
41h
00h
Protection Register’s start address, most significant bits
(P+11)h
42h
03h
n where 2n is number of factory reprogrammed bytes
(P+12)h
43h
03h
n where 2n is number user programmable bytes
(P+13)h
44h
03h
Page Read: 2n Bytes (n = bits 0-7)
(P+14)h
45h
03h
Synchronous mode configuration fields
(P+15)h
46h
01h
n where 2n+1 is the number of Words for the burst Length = 4
(P+16)h
47h
02h
n where 2n+1 is the number of Words for the burst Length = 8
(P+17)h
48h
07h
Burst Continuous



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com