Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1WM Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1WM
Description  Synthesizable 1-Wire Bus Master
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1WM Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1WM Datasheet HTML 1Page - Dallas Semiconductor DS1WM Datasheet HTML 2Page - Dallas Semiconductor DS1WM Datasheet HTML 3Page - Dallas Semiconductor DS1WM Datasheet HTML 4Page - Dallas Semiconductor DS1WM Datasheet HTML 5Page - Dallas Semiconductor DS1WM Datasheet HTML 6Page - Dallas Semiconductor DS1WM Datasheet HTML 7Page - Dallas Semiconductor DS1WM Datasheet HTML 8Page - Dallas Semiconductor DS1WM Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DS1WM
3 of 15
PIN DESCRIPTIONS
The following describes the function of all the block I/O pins. In the following descriptions, 0 represents
logic low and 1 represents logic high.
A0, A1, A2, Register Select: Address signals connected to these three inputs select a register for the CPU
to read from or write to during data transfer. A table of registers and their addresses is shown below.
Register Addresses
A2
A1
A0
Register
0
0
0
Command Register (read/write)
0
0
1
Transmit Buffer (write), Receive Buffer (read)
0
1
0
Interrupt Register (read)
0
1
1
Interrupt Enable Register (read/write)
1
0
0
Clock Divisor Register (read/write)
ADS , Address Strobe: The positive edge of an active Address Strobe (ADS ) signal latches the Register
Select (A0, A1, A2) into an internal latch. Provided that setup and hold timings are observed,
ADS may
be tied low making the latch transparent.
CLK, Clock Input: This is a (preferably) 50% duty cycle clock that can range from 3.2MHz to 128MHz.
This clock provides the timing for the 1-Wire bus.
D7-D0, Data Bus: This bus comprises eight input/output lines. The bus provides bi-directional
communications between the 1-Wire Master and the CPU. Data, control words, and status information are
transferred via this D7-D0 Data Bus.
DQ, 1-Wire Data Line: This open-drain line is the 1-Wire bi-directional data bus. 1-Wire slave devices
are connected to this pin. This pin must be pulled high by an external resistor, nominally 5K
W.
EN , Enable: When EN is low, the 1-Wire Master is enabled; this signal acts as the device chip enable.
This enables communication between the 1-Wire Master and the CPU.
INTR, Interrupt: This line goes to its active state whenever any one of the interrupt types has an active
high condition and is enabled via the Interrupt Enable Register. The INTR signal is reset to an inactive
state when the Interrupt Register is read.
MR, Master Reset: When this input is high, it clears all the registers and the control logic of the 1-Wire
Master, and sets INTR to its default inactive state, which is HIGH.
RD
, Read: This pin drives the bus during a read cycle. When the circuit is enabled, the CPU can read
status information or data from the selected register by driving RD low. RD and WR should never be
low simultaneously; if they are, WR takes precedence.
WR , Write: This pin drives the bus during a write cycle. When WR is low while the circuit is enabled,
the CPU can write control words or data into the selected register. RD and WR should never be low
simultaneously; if they are, WR takes precedence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com