Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1WM Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1WM
Description  Synthesizable 1-Wire Bus Master
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1WM Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1WM Datasheet HTML 1Page - Dallas Semiconductor DS1WM Datasheet HTML 2Page - Dallas Semiconductor DS1WM Datasheet HTML 3Page - Dallas Semiconductor DS1WM Datasheet HTML 4Page - Dallas Semiconductor DS1WM Datasheet HTML 5Page - Dallas Semiconductor DS1WM Datasheet HTML 6Page - Dallas Semiconductor DS1WM Datasheet HTML 7Page - Dallas Semiconductor DS1WM Datasheet HTML 8Page - Dallas Semiconductor DS1WM Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DS1WM
4 of 15
OPERATION – CLOCK DIVISOR
All 1-Wire timing patterns are generated using a base clock of 1.0MHz. The 1-Wire Master will generate
this clock frequency internally given an external reference on the CLK pin. The external clock must have
a frequency from 3.2MHz to 128MHz and a 50% duty cycle is preferred. The Clock Divisor Register
controls the internal clock divider and provides the desired reference frequency. This is done in two
stages: first a prescaler divides by 1, 3, 5, or 7, then the remaining circuitry divides by 2, 4, 8, 16, 32,
64,or 128.
Clock Divisor Register
Addr. 04h
X
X
X
DIV2
DIV1
DIV0
PRE1
PRE0
MSB
LSB
The clock divisor must be configured before communication on the 1-Wire bus can take place. This
register is set to 0x00h if a Master Reset occurs. Use the table below to find the proper register value
based on the CLK reference frequency. For example, the user would write 0x10h to this location when
providing a 15MHz input clock.
Clock Divisor Register Settings for Input Clock Rates
Min CLK
Frequency
(MHz)
Max CLK
Frequency
(MHz)
Divider
Ratio
DIV3
DIV2
DIV1
PRE1
PRE0
>3.2
4.0
4
0
1000
>4.0
5.0
5
0
0010
>5.0
6.0
6
0
0101
>6.0
7.0
7
0
0011
>7.0
8.0
8
0
1100
>8.0
10.0
10
0
0110
>10.0
12.0
12
0
1001
>12.0
14.0
14
0
0111
>14.0
16.0
16
1
0000
>16.0
20.0
20
0
1010
>20.0
24.0
24
0
1101
>24.0
28.0
28
0
1011
>28.0
32.0
32
1
0100
>32.0
40.0
40
0
1110
>40.0
48.0
48
1
0001
>48.0
56.0
56
0
1111
>56.0
64.0
64
1
1000
>64.0
80.0
80
1
0010
>80.0
96.0
96
1
0101
>96.0
112.0
112
1
0011
>112.0
128.0
128
1
1100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com