Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN925 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN925
Description  Time Update in ST?셲 TIMEKEEPER Devices
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN925 Datasheet(HTML) 1 Page - STMicroelectronics

  AN925 Datasheet HTML 1Page - STMicroelectronics AN925 Datasheet HTML 2Page - STMicroelectronics AN925 Datasheet HTML 3Page - STMicroelectronics AN925 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
December 1998
1/4
AN925
APPLICATION NOTE
Time Update in ST’s TIMEKEEPER Devices
Figure 1 shows how the non-volatile, static memory array and the quartz controlled clock oscillator, of
TIMEKEEPER devices from STMicroelectronics, are interconnected through the clock registers. The clock
registers are mapped into the memory array (please see the data sheet for the precise mapping) as 8 or
16 BYTEWIDE BIPORT memory cells. The time data in these memory cells are updated from the clock
side (the system side) and are made available to the user side within the user’s finest time resolution.
However, the user’s finest time resolution is one second, so this leaves plenty of scope for variability (of
the order of several milliseconds) between one update and the next. Since this variability might be notice-
able to some applications (for example, those that poll the time registers regularly, or those that use an
alarm function that is triggered once per second), this document sets out to explain the nature of the var-
iability, to make it more predictable to the applications designer.
Figure 1. Internal Architecture of an ST TIMEKEEPER Device
AI02482
LITHIUM
CELL
OSCILLATOR AND
CLOCK CHAIN
VPFD
VCC
VSS
32,768 Hz
CRYSTAL
VOLTAGE SENSE
AND
SWITCHING
CIRCUITRY
8, 16 x 8
TIMEKEEPER
REGISTERS
SRAM ARRAY
A0-AX
DQ0-DQ7
POWER
WDI
E
W
G
BATTERY LOW
IRQ/FT
RST
INTEGRATED BATTERY
CRYSTAL AND
SNAPHAT


Similar Part No. - AN925

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
AN92584 RAMTRON-AN92584 Datasheet
1Mb / 42P
Designing for Low Power and Estimating Battery Life for BLE Applications
More results

Similar Description - AN925

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1380 HOLTEK-HT1380 Datasheet
183Kb / 10P
Serial Timekeeper Chip
October 2, 1999
logo
Dallas Semiconductor
DS1286 DALLAS-DS1286 Datasheet
234Kb / 13P
Watchdog Timekeeper
logo
STMicroelectronics
M48T212V STMICROELECTRONICS-M48T212V_07 Datasheet
312Kb / 35P
3.3V TIMEKEEPER supervisor
05-Nov-2007
logo
Intel Corporation
N82802AB8 INTEL-N82802AB8 Datasheet
70Kb / 12P
Specification Update
logo
STMicroelectronics
T410-400T STMICROELECTRONICS-T410-400T Datasheet
119Kb / 10P
Based on ST?셲 Snubberless
25-Mar-2005
logo
Holtek Semiconductor In...
HT1381-8SOPLF HOLTEK-HT1381-8SOPLF Datasheet
172Kb / 10P
Serial Timekeeper Chip
logo
Tyco Electronics
C-1513168 MACOM-C-1513168 Datasheet
86Kb / 1P
update pn identification
logo
STMicroelectronics
VL53L1X STMICROELECTRONICS-VL53L1X Datasheet
1Mb / 35P
A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
November 2018 Rev 3
logo
ARTSCHIP ELECTRONICS CO...
DS1286 ARTSCHIP-DS1286 Datasheet
538Kb / 11P
Watchdog Timekeeper
M48T08 ARTSCHIP-M48T08 Datasheet
7Mb / 27P
TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com