Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN925 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN925
Description  Time Update in ST?셲 TIMEKEEPER Devices
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN925 Datasheet(HTML) 3 Page - STMicroelectronics

  AN925 Datasheet HTML 1Page - STMicroelectronics AN925 Datasheet HTML 2Page - STMicroelectronics AN925 Datasheet HTML 3Page - STMicroelectronics AN925 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
AN925 - APPLICATION NOTE
An alternative approach, shown in Figure 3, is adopted by the M48T02, M48T12, M48T08, M48T18,
M48T58 (revision C), , M48T59 (revision C), M48T37 and M48T201 devices. The spacing between suc-
cessive System-to-User-Update-Pulse is always one second. Each pulse is delayed by the same delta
time, of 3.5 ms, regardless of the number of registers that need incrementing within that period.
Figure 3. Time Update Waveform Diagram (fixed delay)
(These examples are each shown with the calibration set to zero.)
12/31/96 23:59:59
1/1/97 00:00:00
1 Hz clock frequency
Seconds register update
Minutes register update
Hours register update
Day of week register update
Date register update
Month register update
Year register update
Reference update pulse
System to user update pulse
= 1 second
AI02484



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com