Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74S473V Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74S473V
Description  (512 x 8) 4096-Bit TTL PROM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74S473V Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM74S473V Datasheet HTML 1Page - National Semiconductor (TI) DM74S473V Datasheet HTML 2Page - National Semiconductor (TI) DM74S473V Datasheet HTML 3Page - National Semiconductor (TI) DM74S473V Datasheet HTML 4Page - National Semiconductor (TI) DM74S473V Datasheet HTML 5Page - National Semiconductor (TI) DM74S473V Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (Note 2)
b
05V to a70V
Input Voltage (Note 2)
b
12V to a55V
Output Voltage (Note 2)
b
05V to a55V
Storage Temperature
b
65 Cto a150 C
Lead Temp (Soldering 10 seconds)
300 C
ESD to be determined
Note 1
Absolute maximum ratings are those values beyond which the de-
vice may be permanently damaged They do not mean that the device may
be operated at these values
Note 2
These limits do not apply during programming For the programming
ratings refer to the programming instructions
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
Commercial
475
525
V
Ambient Temperature (TA)
Commercial
0
a
70
C
Logical ‘‘0’’ Input Voltage
0
08
V
Logical ‘‘1’’ Input Voltage
20
55
V
DC Electrical Characteristics (Note 1)
Symbol
Parameter
Conditions
DM74S473
Units
Min
Typ
Max
IIL
Input Load Current
VCC
Max VIN
045V
b
80
b
250
m
A
IIH
Input Leakage Current
VCC
Max VIN
27V
25
m
A
VCC
Max VIN
55V
10
mA
VOL
Low Level Output Voltage
VCC
Min IOL
16 mA
035
045
V
VIL
Low Level Input Voltage
080
V
VIH
High Level Input Voltage
20
V
IOZ
Output Leakage Current
VCC
Max VCEX
24V
50
m
A
(Open-Collector Only)
VCC
Max VCEX
55V
100
m
A
VC
Input Clamp Voltage
VCC
Min IIN
b
18 mA
b
08
b
12
V
CI
Input Capacitance
VCC
50V VIN
20V
40
pF
TA
25 C 1 MHz
CO
Output Capacitance
VCC
50V VO
20V
60
pF
TA
25 C 1 MHz Outputs Off
ICC
Power Supply Current
VCC
Max Input Grounded
110
155
mA
All Outputs Open
Note 1
These limits apply over the entire operating range unless stated otherwise All typical values are for VCC
50V and TA
25 C
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com