Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74S473V Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74S473V
Description  (512 x 8) 4096-Bit TTL PROM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74S473V Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DM74S473V Datasheet HTML 1Page - National Semiconductor (TI) DM74S473V Datasheet HTML 2Page - National Semiconductor (TI) DM74S473V Datasheet HTML 3Page - National Semiconductor (TI) DM74S473V Datasheet HTML 4Page - National Semiconductor (TI) DM74S473V Datasheet HTML 5Page - National Semiconductor (TI) DM74S473V Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics with Standard Load and Operating Conditions
COMMERCIAL TEMP RANGE
(0 Cto a70 C)
Symbol
JEDEC
Parameter
DM74S473
DM74S473A
Units
Symbol
Min
Typ
Max
Min
Typ
Max
TAA
TAVQV
Address Access Time
40
60
25
45
ns
TEA
TEVQV
Enable Access Time
15
30
15
30
ns
TER
TEXQX
Enable Recovery Time
15
30
15
30
ns
TZX
TEVQX
Output Enable Time
15
30
15
30
ns
TXZ
TEXQZ
Output Disable Time
15
30
15
30
ns
Functional Description
TESTABILITY
The Schottky PROM die includes extra rows and columns of
fusable links for testing the programmability of each chip
These test fuses are placed at the worst-case chip locations
to provide the highest possible confidence in the program-
ming tests in the final product A ROM pattern is also per-
manently fixed in the additional circuitry and coded to pro-
vide a parity check of input address levels These and other
test circuits are used to test for correct operation of the row
and column-select circuits and functionality of input and en-
able gates All test circuits are available at both wafer and
assembled device levels to allow 100% functional and para-
metric testing at every stage of the test flow
RELIABILITY
As with all National products the Ti-W PROMs are subject-
ed to an on-going reliability evaluation by the Reliability As-
surance Department These evaluations employ accelerat-
ed life tests including dynamic high-temperature operating
life temperature-humidity life temperature cycling and ther-
mal shock To date nearly 74 million Schottky Ti-W PROM
device hours have been logged with samples in Epoxy B
molded DIP (N-package) PLCC (V-package) and CERIP (J-
package) Device performance in all package configurations
is excellent
TITANIUM-TUNGSTEN FUSES
National’s Programmable Read-Only Memories (PROMs)
feature titanuim-tungsten (Ti-W) fuse links designed to pro-
gram efficiently with only 105V applied The high perform-
ance and reliability of these PROMs are the result of fabrica-
tion by a Schottky bipolar process of which the titanium-
tungsten metallization is an integral part and the use of an
on-chip programming circuit
A major advantage of the titanium-tungsten fuse technology
is the low programming voltage of the fuse links At 105V
this virtually eliminates the need for guard-ring devices and
wide spacings required for other fuse technologies Care is
taken however to minimize voltage drops across the die
and to reduce parasitics The device is designed to ensure
that worst-case fuse operating current is low enough for
reliable long-term operation The Darlington programming
circuit is liberally designed to insure adequate power density
for blowing the fuse links The complete circuit design is
optimized to provide high performance over the entire oper-
ating ranges of VCC and temperature
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com