Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2145AF Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TA2145AF
Description  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2145AF Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TA2145AF Datasheet HTML 8Page - Toshiba Semiconductor TA2145AF Datasheet HTML 9Page - Toshiba Semiconductor TA2145AF Datasheet HTML 10Page - Toshiba Semiconductor TA2145AF Datasheet HTML 11Page - Toshiba Semiconductor TA2145AF Datasheet HTML 12Page - Toshiba Semiconductor TA2145AF Datasheet HTML 13Page - Toshiba Semiconductor TA2145AF Datasheet HTML 14Page - Toshiba Semiconductor TA2145AF Datasheet HTML 15Page - Toshiba Semiconductor TA2145AF Datasheet HTML 16Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TA2145AF
2002-04-19
13
Ambient temperature
Ta
(°C)
VO (DC) – Ta
Ambient temperature
Ta
(°C)
PRE
GV, Vom – Ta
Ambient temperature
Ta
(°C)
PRE
THD – Ta
Ambient temperature
Ta
(°C)
PW
GV, Po – Ta
Ambient temperature
Ta
(°C)
PW
THD – Ta
Ambient temperature
Ta
(°C)
GVN
DVREF, DK – Ta
-20
0
20
60
80
40
1
0
0.5
1.5
VREF, PW OUT, PRE OUT
GV: Vo = -10dBV
Vom: THD = 1%
Vom
-20
0
20
60
80
40
760
600
720
800
640
680
38
30
34
40
32
36
GV
GV: Vo = -10dBV
Po: THD = 10%
-20
0
20
60
80
40
40
10
30
50
20
25
30
35
GV
Po
-20
0
20
60
80
40
0.1
0 001
1
0.01
Vo = -10dBV
-20
0
20
60
80
40
Po = 1 mW
2
0.1
10
0.5
0.2
1
5
DVREF
-20
0
20
60
80
40
2
-6
6
-2
-4
0
4
DK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com