Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM2321 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CMM2321
Description  2.4 to 2.5 GHz 1 Watt Power Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CMM2321 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CMM2321 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMM2321 Datasheet HTML 2Page - List of Unclassifed Manufacturers CMM2321 Datasheet HTML 3Page - List of Unclassifed Manufacturers CMM2321 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3236 Scott Boulevard
Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
CMM2321
Preliminary Product Information - April 1997
(3 of 4)
PB-CMM2321 Evaluation Board
C15
2.2 µF
RF IN
(50
Ω)
4
3
2
1
5
6
7
8
CMM2321-AK
RF OUT
(50
Ω)
-Vgg
C2
0.5 pF
C7
100 pF
C10
100 pF
C6
100 pF
C14
.01 µF
T4
T3
T2
C13
.01 µF
Vdd
C12
0.01 µF
C4
2.2 pF
R1
51K
Ω
C8
100 pF
C11
0.01 µF
NC
C9
100 pF
C3
1.8 pF
C1
3.9 pF
T1
T5
C5
0.5 pF
Test Circuits
Evaluation Board Schematic
Board substrate:
ER = 4.60
Thickness = 0.031 in.
Transmission line electrical
lengths at 2.45 GHz.
(Dimensions in inches)
Line Z (Ø) E (°)
T1
104
14
T2
104
19
T3
50
11
T4
53
31
T5
91
82
RF IN
RF OUT
-Vgg (Vg1, Vg2)
Vdd (Vd1, Vd2)
Ground
Ground
Evaluation Board Parts List
Part Type
Reference Designator
Description
Manufacturer
Part Number
Resistor
R1
51 K
Ω 0603
Rohm
MCR 03J 513
Capacitor
C1
3.9 pF 0805 NPO
Rohm
MCH 185 A3R9CK
Capacitor
C2, C5
0.5 pF 0805 NPO
Rohm
MCH 185 A0R5CK
Capacitor
C3
1.8 pF 0805 NPO
Rohm
MCH 185 A1R8CK
Capacitor
C4
2.2 pF 0805 NPO
Rohm
MCH 185 A2R2CK
Capacitor
C6, C7, C8, C9, C10
100 pF 0603 NPO
Rohm
MCH 185 A101JK
Capacitor
C11, C12, C13, C14
0.01 µF 0805 X7R
Rohm
MCH 215 C103KK
Capacitor
C15
2.2 µF Tantalum
Matsuo
267 M2002225M



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com