Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM2321 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CMM2321
Description  2.4 to 2.5 GHz 1 Watt Power Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CMM2321 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CMM2321 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMM2321 Datasheet HTML 2Page - List of Unclassifed Manufacturers CMM2321 Datasheet HTML 3Page - List of Unclassifed Manufacturers CMM2321 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3236 Scott Boulevard
Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
Parameter
Condition
Min
Typ
Max
Units
Frequency Range
2.4
2.5
GHz
P-1dB
30
30.5
dBm
POUT Saturated
P IN = +14 dBm
31
31.5
dBm
Efficiency (PAE)
@ Saturation
48
%
Gain
18
20
dB
Harmonics
2nd @ Pout = +30 dBm
-35
-30
dBc
3rd @ Pout = +30 dBm
-40
-35
dBc
Noise Figure
5.0
dB
Return Loss
10
dB
Negative Supply Current (-Ig)
0.5
1.0
mA
Positive Supply Current (Id)
@ P-1dB
675
mA
Electrical Characteristics
The following specifications are guaranteed at room temperature with drain voltage (+Vd) = 4.8 V @ 2.45 GHz in Celeritek test fixture.
CMM2321
Features
t 48% Power Added Efficiency
t 31.5 dBm Output Power
t Low Distortion
t Low Cost SO-8 Surface Mount Package
Applications
t Wireless Datacom
t Wireless Bar Code Scanners
t Inter-Building Campus Networks
Description
The CMM2321 is a power amplifier intended for use
in 2.4 GHz ISM band applications such as wireless datacom
equipment, wireless bar code scanners and inter-building cam-
pus networks. This flexible amplifier can be biased to support
the requirements of frequency hopping or direct sequence sys-
tems. The CMM2321 is packaged in a low-cost, space effi-
cient SO-8 power package that gives excellent electrical sta-
bility and thermal handling performance with a RΘ of less
than 18° C/W. The part is designed to require minimal exter-
nal circuitry for bias matching, simplifying design and keep-
ing board space and cost to a minimum.
2.4 to 2.5 GHz
1 Watt Power Amplifier
Recommended Operating Conditions
Parameter
Typ
Units
Parameter
Typ
Units
Drain Voltage (+Vd)
4.5 to 5.1
Volts
Operating Temperature (PC Board)
-30 to +80
°C
Preliminary Product Information
April 1997
(1 of 4)
Back plane is ground and
must be soldered to thermally
conductive ground plane.
Vg2 4
RF IN 1
Vg1 3
GND 2
6 RF OUT/Vd2
5 RF OUT/Vd2
8 N/C
7 Vd1
Functional Block Diagram
Absolute Maximum Ratings
Parameter
Rating
Parameter
Rating
Parameter
Rating
Drain Voltage (+Vd)
+9.0 V*
Power Dissipation
5 W
Operating Temperature
-40°C to +100°C
Drain Current (Id)
1.8 A
Thermal Resistance
18°C/W
Channel Temperature
175°C
RF Input Power
+15 dBm*
Storage Temperature
-65°C to +150°C
Soldering Temperature
260°C for 5 Sec.
DC Gate Voltage (-Vg)
-4.0 V*
* Max (+Vd) and (-Vg) under linear operation. Max potential difference across the device in RF compression (2Vd + |-Vg|) not to exceed the minimum breakdown voltage (Vbr) of +18V.


Similar Part No. - CMM2321

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM2321 MIMIX-CMM2321 Datasheet
279Kb / 5P
2.4 to 2.5 GHz 1 Watt Power Amplifier
CMM2321-AK MIMIX-CMM2321-AK Datasheet
279Kb / 5P
2.4 to 2.5 GHz 1 Watt Power Amplifier
CMM2321-AK MIMIX-CMM2321-AK Datasheet
465Kb / 4P
2.3 to 2.5 GHz 1 Watt Power Amplifier
CMM2321-AK-000T MIMIX-CMM2321-AK-000T Datasheet
279Kb / 5P
2.4 to 2.5 GHz 1 Watt Power Amplifier
CMM2321-AK-000T MIMIX-CMM2321-AK-000T Datasheet
465Kb / 4P
2.3 to 2.5 GHz 1 Watt Power Amplifier
More results

Similar Description - CMM2321

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
RFSP2010 ANADIGICS-RFSP2010 Datasheet
75Kb / 4P
2.4-2.5 GHz Power Amplifier
05/2003
logo
List of Unclassifed Man...
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
2.4~2.5 GHz Power Amplifier
AP1098 ETC-AP1098 Datasheet
104Kb / 5P
2.4~2.5 GHz Power Amplifier
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
2.4~2.5 GHz Power Amplifier
logo
Fairchild Semiconductor
RMPA2455 FAIRCHILD-RMPA2455 Datasheet
596Kb / 10P
2.4-2.5 GHz 1 Watt InGaP HBT Linear Power Amplifier
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
2.4-2.5 GHz Power Amplifier
05/2003
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
2.4-2.5 GHz Power Amplifier
logo
Mimix Broadband
CMM2321 MIMIX-CMM2321 Datasheet
279Kb / 5P
2.4 to 2.5 GHz 1 Watt Power Amplifier
CMM2321-AK MIMIX-CMM2321-AK Datasheet
465Kb / 4P
2.3 to 2.5 GHz 1 Watt Power Amplifier
logo
Skyworks Solutions Inc.
SKY65174-21 SKYWORKS-SKY65174-21 Datasheet
1Mb / 13P
2.4 to 2.5 GHz WLAN Power Amplifier Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com