Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP880C Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP880C
Description  Microcontrollers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP880C Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button COP880C Datasheet HTML 8Page - National Semiconductor (TI) COP880C Datasheet HTML 9Page - National Semiconductor (TI) COP880C Datasheet HTML 10Page - National Semiconductor (TI) COP880C Datasheet HTML 11Page - National Semiconductor (TI) COP880C Datasheet HTML 12Page - National Semiconductor (TI) COP880C Datasheet HTML 13Page - National Semiconductor (TI) COP880C Datasheet HTML 14Page - National Semiconductor (TI) COP880C Datasheet HTML 15Page - National Semiconductor (TI) COP880C Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Functional Description (Continued)
B is the 8-bit address register, can be auto incremented or
decremented.
X is the 8-bit alternate address register, can be incremented
or decremented.
SP is the 8-bit stack pointer, points to subroutine stack (in
RAM).
B, X and SP registers are mapped into the on chip RAM. The
B and X registers are used to address the on chip RAM. The
SP register is used to address the stack in RAM during
subroutine calls and returns.
PROGRAM MEMORY
Program memory consists of 4096 bytes of ROM. These
bytes may hold program instructions or constant data. The
program memory is addressed by the 15-bit program
counter (PC). ROM can be indirectly read by the LAID in-
struction for table lookup.
DATA MEMORY
The data memory address space includes on chip RAM, I/O
and registers. Data memory is addressed directly by the
instruction or indirectly by the B, X and SP registers.
The device has 128 bytes of RAM. Sixteen bytes of RAM are
mapped as “registers” that can be loaded immediately, dec-
remented or tested. Three specific registers: B, X and SP are
mapped into this space, the other bytes are available for
general usage.
The instruction set permits any bit in memory to be set, reset
or tested. All I/O and registers (except the A & PC) are
memory mapped; therefore, I/O bits and register bits can be
directly and individually set, reset and tested. A is not
memory mapped, but bit operations can be still performed on
it.
Note: RAM contents are undefined upon power-up.
RESET
The RESET input when pulled low initializes the microcon-
troller. Initialization will occur whenever the RESET input is
pulled low. Upon initialization, the ports L, G and C are
placed in the TRI-STATE mode and the Port D is set high.
The PC, PSW and CNTRL registers are cleared. The data
and configuration registers for Ports L, G and C are cleared.
The external RC network shown in
Figure 4 should be used
to ensure that the RESET pin is held low until the power
supply to the chip stabilizes.
OSCILLATOR CIRCUITS
Figure 5 shows the three clock oscillator configurations.
A. CRYSTAL OSCILLATOR
The device can be driven by a crystal clock. The crystal
network is connected between the pins CKI and CKO.
Table 1 shows the component values required for various
standard crystal values.
B. EXTERNAL OSCILLATOR
CKI can be driven by an external clock signal. CKO is
available as a general purpose input and/or HALT restart
control.
C. R/C OSCILLATOR
CKI is configured as a single pin RC controlled Schmitt
trigger oscillator. CKO is available as a general purpose
input and/or HALT restart control.
Table 2 shows the variation in the oscillator frequencies as
functions of the component (R and C) values.
OSCILLATOR MASK OPTIONS
The device can be driven by clock inputs between DC and
10 MHz.
TABLE 1. Crystal Oscillator Configuration, T
A = 25˚C
R1
R2
C1
C2
CKI Freq
Conditions
(k
Ω)(MΩ)
(pF)
(pF)
(MHz)
0
1
30
30–36
10
V
CC =5V
0
1
30
30–36
4
V
CC = 2.5V
5.6
1
200
100–150
0.455
V
CC =5V
DS010802-6
RC
≥ 5X Power Supply Rise Time
FIGURE 4. Recommended Reset Circuit
DS010802-7
FIGURE 5. Crystal and R-C Connection Diagrams
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com