Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP880C Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP880C
Description  Microcontrollers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP880C Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button COP880C Datasheet HTML 9Page - National Semiconductor (TI) COP880C Datasheet HTML 10Page - National Semiconductor (TI) COP880C Datasheet HTML 11Page - National Semiconductor (TI) COP880C Datasheet HTML 12Page - National Semiconductor (TI) COP880C Datasheet HTML 13Page - National Semiconductor (TI) COP880C Datasheet HTML 14Page - National Semiconductor (TI) COP880C Datasheet HTML 15Page - National Semiconductor (TI) COP880C Datasheet HTML 16Page - National Semiconductor (TI) COP880C Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Functional Description (Continued)
TABLE 2. RC Oscillator Configuration, T
A = 25˚C
R
C
CKI Freq.
Instr. Cycle
Conditions
(k
Ω)
(pF)
(MHz)
(µs)
3.3
82
2.2 to 2.7
3.7 to 4.6
V
CC =5V
5.6
100
1.1 to 1.3
7.4 to 9.0
V
CC =5V
6.8
100
0.9 to 1.1
8.8 to 10.8
V
CC =5V
Note 23: (R/C Oscillator Configuration): 3k
≤ R ≤ 200k, 50 pF ≤ C ≤ 200 pF.
The device has three mask options for configuring the clock
input. The CKI and CKO pins are automatically configured
upon selecting a particular option.
•
Crystal (CKI/10); CKO for crystal configuration
•
External (CKI/10); CKO available as G7 input
•
R/C (CKI/10); CKO available as G7 input
G7 can be used either as a general purpose input or as a
control input to continue from the HALT mode.
HALT MODE
The device supports a power saving mode of operation:
HALT. The controller is placed in the HALT mode by setting
the G7 data bit, alternatively the user can stop the clock
input. In the HALT mode all internal processor activities
including the clock oscillator are stopped. The fully static
architecture freezes the state of the controller and retains all
information until continuing. In the HALT mode, power re-
quirements are minimal as it draws only leakage currents
and output current. The applied voltage (V
CC) may be de-
creased down to Vr (minimum RAM retention voltage) with-
out altering the state of the machine.
There are two ways to exit the HALT mode: via the RESET
or by the CKO pin. A low on the RESET line reinitializes the
microcontroller and starts executing from the address
0000H. A low to high transition on the CKO pin (only if the
external or R/C clock option selected) causes the microcon-
troller to continue with no reinitialization from the address
following the HALT instruction. This also resets the G7 data
bit.
INTERRUPTS
There are three interrupt sources, as shown below.
A maskable interrupt on external G0 input (positive or nega-
tive edge sensitive under software control)
A maskable interrupt on timer underflow or timer capture
A non-maskable software/error interrupt on opcode zero
INTERRUPT CONTROL
The GIE (global interrupt enable) bit enables the interrupt
function. This is used in conjunction with ENI and ENTI to
select one or both of the interrupt sources. This bit is reset
when interrupt is acknowledged.
ENI and ENTI bits select external and timer interrupt respec-
tively. Thus the user can select either or both sources to
interrupt the microcontroller when GIE is enabled.
IEDG selects the external interrupt edge (0 = rising edge,
1 = falling edge). The user can get an interrupt on both rising
and falling edges by toggling the state of IEDG bit after each
interrupt.
IPND and TPND bits signal which interrupt is pending. After
interrupt is acknowledged, the user can check these two bits
to determine which interrupt is pending. This permits the
interrupts to be prioritized under software. The pending flags
have to be cleared by the user. Setting the GIE bit high
inside the interrupt subroutine allows nested interrupts.
The software interrupt does not reset the GIE bit. This
means that the controller can be interrupted by other inter-
rupt sources while servicing the software interrupt.
INTERRUPT PROCESSING
The interrupt, once acknowledged, pushes the program
counter (PC) onto the stack and the stack pointer (SP) is
decremented twice. The Global Interrupt Enable (GIE) bit is
reset to disable further interrupts. The microcontroller then
vectors to the address 00FFH and resumes execution from
that address. This process takes 7 cycles to complete. At the
end of the interrupt subroutine, any of the following three
instructions return the processor back to the main program:
RET, RETSK or RETI. Either one of the three instructions will
pop the stack into the program counter (PC). The stack
pointer is then incremented twice. The RETI instruction ad-
ditionally sets the GIE bit to re-enable further interrupts.
Any of the three instructions can be used to return from a
hardware interrupt subroutine. The RETSK instruction
should be used when returning from a software interrupt
subroutine to avoid entering an infinite loop.
Note: There is always the possibility of an interrupt occurring during an
instruction which is attempting to reset the GIE bit or any other inter-
rupt enable bit. If this occurs when a single cycle instruction is being
used to reset the interrupt enable bit, the interrupt enable bit will be
reset but an interrupt may still occur. This is because interrupt process-
ing is started at the same time as the interrupt bit is being reset. To
avoid this scenario, the user should always use a two, three or four
cycle instruction to reset interrupt enable bits.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com