Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4260BJR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STG4260BJR
Description  Low voltage 0.5 Ω dual SPDT switch with break-before-make feature and 15 kV ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4260BJR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STG4260BJR Datasheet HTML 2Page - STMicroelectronics STG4260BJR Datasheet HTML 3Page - STMicroelectronics STG4260BJR Datasheet HTML 4Page - STMicroelectronics STG4260BJR Datasheet HTML 5Page - STMicroelectronics STG4260BJR Datasheet HTML 6Page - STMicroelectronics STG4260BJR Datasheet HTML 7Page - STMicroelectronics STG4260BJR Datasheet HTML 8Page - STMicroelectronics STG4260BJR Datasheet HTML 9Page - STMicroelectronics STG4260BJR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
STG4260
6/19
Doc ID 15168 Rev 2
4
Electrical characteristics
Table 6.
DC specifications
Symbol
Parameter
VCC
(V)
VL
(V)
Test
condition
Value
Unit
TA = 25 °C
-40 to 85 °C
Min
Typ
Max
Min
Max
VIH
High level
input voltage
1.65 – 4.3
1.65 – 1.95
1.25
–
–
1.25
–
V
2.3 – 2.7
1.75
–
–
1.75
–
3.0 – 3.6
2.34
–
–
2.34
–
4.3
2.80
–
–
2.80
–
VIL
Low level
input voltage
1.65 – 4.3
1.65 – 1.95
–
–
0.6
–
0.6
V
2.3 – 2.7
–
–
0.8
–
0.8
3.0 – 3.6
–
–
1.05
–
1.05
4.3
–
–
1.5
–
1.5
RON
ON resistance
1.8
1.65 – 4.3
VS =0V to
VCC
IS =100 mA
–
1.5
2.5
–
3.7
Ω
2.25
–
0.75
1.0
–
1.3
3
–
0.50
0.65
–
0.8
3.7
–
0.45
0.55
–
0.7
4.3
–
0.40
0.50
–
0.65
ΔRON
ON resistance
match
between
channels (1)
1.8
1.65 – 4.3
VS =0V to
VCC
IS =100 mA
–40
–
–
–
m
Ω
2.25
–
20
–
–
–
3–
10
–
–
–
3.7
–
10
–
–
–
4.3
–
10
–
–
–
RFLAT
ON resistance
flatness(2)
1.8
1.65 – 4.3
VS =0V to
VCC
IS =100 mA
–
1000
1700
–
2000
m
Ω
2.25
–
300
430
–
550
3
–
170
220
–
270
3.7
–
160
210
–
270
4.3
–
160
210
–
270
IOFF
Sn OFF state
leakage
current
4.3
4.3
VS = 0.3 to 4.0
VD = 0.3 to 4.0
-30
–
30
-300
300
nA
ION
Sn ON state
leakage
current
4.3
4.3
VS = 0.3 to 4.0
VD = open
-30
–
30
-300
300
nA
ID
D ON state
leakage
current
4.3
4.3
VS = open
VD = 0.3 to 4.0
-30
–
30
-300
300
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com