Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4260BJR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STG4260BJR
Description  Low voltage 0.5 Ω dual SPDT switch with break-before-make feature and 15 kV ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4260BJR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STG4260BJR Datasheet HTML 3Page - STMicroelectronics STG4260BJR Datasheet HTML 4Page - STMicroelectronics STG4260BJR Datasheet HTML 5Page - STMicroelectronics STG4260BJR Datasheet HTML 6Page - STMicroelectronics STG4260BJR Datasheet HTML 7Page - STMicroelectronics STG4260BJR Datasheet HTML 8Page - STMicroelectronics STG4260BJR Datasheet HTML 9Page - STMicroelectronics STG4260BJR Datasheet HTML 10Page - STMicroelectronics STG4260BJR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
STG4260
Electrical characteristics
Doc ID 15168 Rev 2
7/19
Symbol
Parameter
VCC
(V)
VL
(V)
Test
condition
Value
Unit
TA = 25 °C
-40 to 85 °C
Min
Typ
Max
Min
Max
ICC
Quiescent
supply current
1.65 – 4.3
1.65 – 4.3
VSEL=VCC or
GND
-0.05
–
0.05
-0.2
0.2
μA
ISEL
SEL leakage
current
1.65 – 4.3
1.65 – 4.3
VSEL=4.3V or
GND
-0.2
–
0.2
-2
2
μA
1.
ΔRON = RON(Max) - RON(Min)
2. Flatness is defined as the difference between the maximum and minimum value of on-resistance as
measured over the specified analog signal ranges.
Table 6.
DC specifications (continued)
Table 7.
AC electrical characteristics (CL = 35 pF, RL = 50 Ω, tr = tf ≤5ns)
Symbol
Parameter
VCC
(V)
VL
(V)
Test
conditions
Value
Unit
TA = 25°C
-40 to 85°C
Min
Typ
Max
Min
Max
tPLH, tPHL
Propagation
delay
1.65-1.95
1.65 –
4.3
–0.18
–
–
–
ns
2.3 – 2.7
–
0.14
–
–
–
3.0 – 3.3
–
0.12
–
–
–
3.6 – 4.3
–
0.12
–
–
–
tON
TURN-ON time
1.65 –
1.95
1.65 –
4.3
VS = VCC
RL = 50 Ω
CL = 30 pF
–
70
123
–
160
ns
2.3 – 2.7
–48
62–
80
3 – 3.6
–
33
43
–
56
4.3
–
29
38
–
49
tOFF
TURN-OFF
time
1.65 –
1.95
1.65 –
4.3
VS = VCC
RL = 50 Ω
CL = 30 pF
–36
45–
60
ns
2.3 – 2.7
–35
47–
62
3 – 3.6
–
30
40
–
51
4.3
–
29
38
–
50
tD
Break-before-
make time
delay
1.65 –
1.95
1.65 –
4.3
CL = 35 pF
RL = 50 Ω
VS = VCC/2
10
42
–
–
–
ns
2.3 – 2.7
10
22
–
–
–
3 – 3.6
5
15
–
–
–
4.3
5
12
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com