Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26401 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 9Page - Dallas Semiconductor DS26401 Datasheet HTML 10Page - Dallas Semiconductor DS26401 Datasheet HTML 11Page - Dallas Semiconductor DS26401 Datasheet HTML 12Page - Dallas Semiconductor DS26401 Datasheet HTML 13Page - Dallas Semiconductor DS26401 Datasheet HTML 14Page - Dallas Semiconductor DS26401 Datasheet HTML 15Page - Dallas Semiconductor DS26401 Datasheet HTML 16Page - Dallas Semiconductor DS26401 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
13
4. SIGNAL LIST (SORTED BY SIGNAL NAME)
PIN
NAME
TYPE
FUNCTION
B5
ADDR0
I
mP Address Bus Bit 0
A5
ADDR1
I
mP Address Bus Bit 1
C6
ADDR2
I
mP Address Bus Bit 2
E8
ADDR3
I
mP Address Bus Bit 3
A6
ADDR4
I
mP Address Bus Bit 4
B6
ADDR5
I
mP Address Bus Bit 5
D7
ADDR6
I
mP Address Bus Bit 6
C7
ADDR7
I
mP Address Bus Bit 7
A7
ADDR8
I
mP Address Bus Bit 8
D8
ADDR9
I
mP Address Bus Bit 9
C8
ADDR10
I
mP Address Bus Bit 10
A8
ADDR11
I
mP Address Bus Bit 11
F16
BPCLK
O
Programmable Backplane Clock
B2
BTS
I
Motorola or Intel Bus Type Select
B4
CS
I
Chip Select (Active Low)
A1
DATA0
I/O
mP Data Bus Bit 0
C4
DATA1
I/O
mP Data Bus Bit 1
A2
DATA2
I/O
mP Data Bus Bit 2
B3
DATA3
I/O
mP Data Bus Bit 3
D5
DATA4
I/O
mP Data Bus Bit 4
A3
DATA5
I/O
mP Data Bus Bit 5
D6
DATA6
I/O
mP Data Bus Bit 6
A4
DATA7
I/O
mP Data Bus Bit 7
G16
GCLK_IN
I
Global Clock Input
G13
GCLK_OUT
O
Global Clock Output
R12
HIZE
I
High-Z Enable
E9
INT
O
Interrupt (Active Low)
N10
JTCLK
I
JTAG Clock
T11
JTDI
I
JTAG Data Input
P11
JTDO
O
JTAG Data Output
T10
JTMS
I
JTAG Test Mode Select
R11
JTRST
I
JTAG Reset
B7, B13, D2, D15, E6,
E14, F2, G14, J16, M9,
N15, P2, P8, R5
N.C.
No Connect
B1
RCHBLK/CLK1
O
Rx Channel Block/Clock for Framer 1
H1
RCHBLK/CLK2
O
Rx Channel Block/Clock for Framer 2
L5
RCHBLK/CLK3
O
Rx Channel Block/Clock for Framer 3
P6
RCHBLK/CLK4
O
Rx Channel Block/Clock for Framer 4
N11
RCHBLK/CLK5
O
Rx Channel Block/Clock for Framer 5
M15
RCHBLK/CLK6
O
Rx Channel Block/Clock for Framer 6
E15
RCHBLK/CLK7
O
Rx Channel Block/Clock for Framer 7
A13
RCHBLK/CLK8
O
Rx Channel Block/Clock for Framer 8
C2
RCLK1
I
Rx Clock for Framer 1
H4
RCLK2
I
Rx Clock for Framer 2
L4
RCLK3
I
Rx Clock for Framer 3
N6
RCLK4
I
Rx Clock for Framer 4
M11
RCLK5
I
Rx Clock for Framer 5
L14
RCLK6
I
Rx Clock for Framer 6
E16
RCLK7
I
Rx Clock for Framer 7
C12
RCLK8
I
Rx Clock for Framer 8
E7
RD (DS)
I
Read Strobe (Active Low)
F15
REF_CLK
I
Reference Clock (1.544MHz/2.048MHz)
T12
RESET
I
Global Reset (Active Low)
E5
RF/RMSYNC1
O
Rx Frame/MF Sync for Framer 1
H3
RF/RMSYNC2
O
Rx Frame/MF Sync for Framer 2
N1
RF/RMSYNC3
O
Rx Frame/MF Sync for Framer 3
T5
RF/RMSYNC4
O
Rx Frame/MF Sync for Framer 4
T13
RF/RMSYNC5
O
Rx Frame/MF Sync for Framer 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com