Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26401 Datasheet(PDF) 39 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 39 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 35Page - Dallas Semiconductor DS26401 Datasheet HTML 36Page - Dallas Semiconductor DS26401 Datasheet HTML 37Page - Dallas Semiconductor DS26401 Datasheet HTML 38Page - Dallas Semiconductor DS26401 Datasheet HTML 39Page - Dallas Semiconductor DS26401 Datasheet HTML 40Page - Dallas Semiconductor DS26401 Datasheet HTML 41Page - Dallas Semiconductor DS26401 Datasheet HTML 42Page - Dallas Semiconductor DS26401 Datasheet HTML 43Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
39
ADDRESS
R/W
FUNCTION
NAME
PAGE
037
R/W
Rx Idle Definition 24
RIDR24
187
038
R/W
Rx Sig All Ones Insertion 1
RSAOI1
75
039
R/W
Rx Sig All Ones Insertion 2
RSAOI2
75
03A
R/W
Rx Sig All Ones Insertion 3
RSAOI3
75
03B
—
Unused
—
—
03C
R/W
Rx Digital Milliwatt Enable 1
RDMWE1
63
03D
R/W
Rx Digital Milliwatt Enable 2
RDMWE2
63
03E
R/W
Rx Digital Milliwatt Enable 3
RDMWE3
63
03F
—
Unused
—
—
040
R
Rx Signaling 1
RS1
185
041
R
Rx Signaling 2
RS2
185
042
R
Rx Signaling 3
RS3
185
043
R
Rx Signaling 4
RS4
185
044
R
Rx Signaling 5
RS5
185
045
R
Rx Signaling 6
RS6
185
046
R
Rx Signaling 7
RS7
185
047
R
Rx Signaling 8
RS8
185
048
R
Rx Signaling 9
RS9
185
049
R
Rx Signaling 10
RS10
185
04A
R
Rx Signaling 11
RS11
185
04B
R
Rx Signaling 12
RS12
185
04C
—
Unused
—
—
04D
—
Unused
—
—
04E
—
Unused
—
—
04F
—
Unused
—
—
050
R
Rx Line-Code Violation Counter 1
LCVCR1
66
051
R
Rx Line-Code Violation Counter 2
LCVCR2
66
052
R
Rx Path-Code Violation Count 1
PCVCR1
67
053
R
Rx Path-Code Violation Count 2
PCVCR2
67
054
R
Rx Frames Out-of-Sync Counter 1
FOSCR1
68
055
R
Rx Frames Out-of-Sync Counter 2
FOSCR2
68
056
—
Unused
—
—
057
—
Unused
—
—
058
—
Unused
—
—
059
—
Unused
—
—
05A
—
Unused
—
—
05B
—
Unused
—
—
05C
—
Unused
—
—
05D
—
Unused
—
—
05E
—
Unused
—
—
05F
—
Unused
—
—
060
R
Rx DS0 Monitor
RDS0M
181
061
—
Unused
—
—
062
R
Rx FDL
RFDL
86
063
R
Rx BOC
RBOC
84
064
R
Rx SLC96 Data Link 1
RSLC1
85
065
R
Rx SLC96 Data Link 2
RSLC2
85
066
R
Rx SLC96 Data Link 3
RSLC3
85
067
—
Unused
—
—
068
—
Unused
—
—
069
—
Unused
—
—
06A
—
Unused
—
—
06B
—
Unused
—
—
06C
—
Unused
—
—
06D
—
Unused
—
—
06E
—
Unused
—
—
06F
—
Unused
—
—
070
—
Unused
—
—
071
—
Unused
—
—
072
—
Unused
—
—
073
—
Unused
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com