Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHV800L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STHV800L
Description  Octal ±90 V, ±2 A, 3-level RTZ, high-speed ultrasound pulser
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHV800L Datasheet(HTML) 3 Page - STMicroelectronics

  STHV800L Datasheet HTML 1Page - STMicroelectronics STHV800L Datasheet HTML 2Page - STMicroelectronics STHV800L Datasheet HTML 3Page - STMicroelectronics STHV800L Datasheet HTML 4Page - STMicroelectronics STHV800L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STHV800
Description
Figure 1: STHV800 internal block diagram
Figure 2: XDCR output in DUPLEX mode from single channel - PW and CW composition
example
L V O U T _8
TX
CW
Clamp
TRswitch
Noise blocking
diodes
Anti
memory
Thermal
sensor
Clamp
TX
CW
TRswitch
Noise blocking
diodes
Thermal
sensor
Anti
memory
CHANNEL_1
CHANNEL_2
CHANNEL3
CHANNEL_4
CHANNEL5
CHANNEL_6
CHANNEL_7
CHANNEL_8
Self voltage
reference
Thermal
protection
H V P – 3 .3 V
H V P_ C W – 3.3V
H V M_ C W + 3 .3 V
H V M + 3.3V
L V O U T _ 1
X D C R_ 8
X D C R_ 1
T H S D
STHV800
IN8 _1
IN1 _0
IN1 _1
C W
C K
V C C_ L V
3.3V
V C C_ H V_ C W
0 to 90 V
V C C_H V
0 to 90 V
V S S _H V _C W
0 to -90 V
V S S _H V
0 to - 90V
V S S_ L V
- 3.3V
C an be
independent
or s horted
C an be
independent
or s horted
f > 100 M H z
1 .6V to 3.6V
In p u t sig n al
V C C_D IG
1.8V o r 3.3V
V C C_ L V
3.3V
R p
10 k
Ω
L N A
Cf
Cf
Cf
Cf
DocID026018 Rev 2
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com