Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHV800L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STHV800L
Description  Octal ±90 V, ±2 A, 3-level RTZ, high-speed ultrasound pulser
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHV800L Datasheet(HTML) 1 Page - STMicroelectronics

  STHV800L Datasheet HTML 1Page - STMicroelectronics STHV800L Datasheet HTML 2Page - STMicroelectronics STHV800L Datasheet HTML 3Page - STMicroelectronics STHV800L Datasheet HTML 4Page - STMicroelectronics STHV800L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STHV800
Octal ±90 V, ±2 A, 3-level RTZ, high-speed ultrasound pulser
Data brief
Features
•
High-density ultrasound transmitter
•
Two independent half-bridges per channel
•
0 to ±90 V output voltage
•
Power-up free
•
Synchronization of the input signals
(selectable) by an external clock
•
Up to 20 MHz operating frequency
•
Low-power, high-voltage, high-speed drivers
•
2 independently-supplied half bridges
(shorted-option) for each channel, one
dedicated to continuous wave (CW) mode
−
Main half bridge:
−
±2 A source and sink current
−
Down to 20 ps jitter
−
Low 2nd harmonic distortion
−
CW half bridge:
−
±0.3 A source and sink current
−
Down to 10 ps jitter
−
Very low power consumption
•
Fully integrated real clamping-to-ground
function
−
8 Ω synchronous active clamp
−
±2 A source and sink current
•
Fully integrated TR switch
−
8 Ω ON resistance
−
Up to 300 MHz BW
−
Current consumption down to 10 μA in
RX phase
−
Receiver multiplexing function
•
1.8 V to 3.6 V CMOS logic interface
•
Auxiliary integrated circuits
−
Noise blocking diodes
−
Anti-leakage on output node
−
Fully self-biasing architecture
−
Thermal protection
•
Latch-up free due to HV SOI technology
•
Very few external passive components or
supplies needed
Applications
•
Medical ultrasound imaging
•
Pulse waveform generator
•
NDT ultrsound transmission
•
Piezoelectric transducer drivers
•
Point-of-care ultrasound imaging equipment
Table 1: Device summary
Order code
Package
Packing
STHV800L
TFLGA-56LD
Tape and reel
TFLGA-56LD(8x8x0.9 mm)
April 2014
DocID026018 Rev 2
1/5
For further information contact your local STMicroelectronics sales
office
www.st.com


Similar Part No. - STHV800L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STHV102 ISC-STHV102 Datasheet
269Kb / 2P
isc N-Channel MOSFET Transistor
STHV102FI ISC-STHV102FI Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STHV1600 STMICROELECTRONICS-STHV1600 Datasheet
1Mb / 4P
16 channel ±100 V, ±2/±4 A, 5/3 level with RTZ, T/R switch, high-speed ultrasound pulser with integrated transmit beamformer
May 2020 Rev 2
STHV64SW STMICROELECTRONICS-STHV64SW Datasheet
2Mb / 3P
64-channel (±100 V / -200 to 0 V / 0 to 200 V), low harmonic distortion, high voltage analog independent switches
01-Mar-2019
STHV748 STMICROELECTRONICS-STHV748 Datasheet
558Kb / 22P
5-level, 짹90 V, 2 A high-speed pulser with four independent channels
20-Jan-2010
More results

Similar Description - STHV800L

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
High Speed 짹100V 3.0A Ultrasound Pulser
HV758 SUTEX-HV758 Datasheet
656Kb / 7P
Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV738 SUTEX-HV738 Datasheet
587Kb / 7P
Quad High Speed 짹65V 750mA Ultrasound Pulser
HV746 SUTEX-HV746 Datasheet
601Kb / 7P
Dual High Speed 짹75V 2.5A Ultrasound Pulser
HV7360 SUTEX-HV7360 Datasheet
932Kb / 8P
High Speed, 100V 2.5A, Two or Three Level Ultrasound Pulser
HV7350 SUTEX-HV7350 Datasheet
579Kb / 8P
Eight-Channel, High Speed, 짹60V, 짹1.0A, Ultrasound RTZ Pulser
HV7331 SUTEX-HV7331 Datasheet
804Kb / 9P
Four Channel, High Speed 짹70V 2.0A Ultrasound RTZ Pulser
logo
Microchip Technology
HV7350 MICROCHIP-HV7350 Datasheet
567Kb / 16P
8-Channel High-Speed 짹60V 짹1A Ultrasound RTZ Pulser
06/23/16
logo
STMicroelectronics
STHV1600 STMICROELECTRONICS-STHV1600 Datasheet
1Mb / 4P
16 channel ±100 V, ±2/±4 A, 5/3 level with RTZ, T/R switch, high-speed ultrasound pulser with integrated transmit beamformer
May 2020 Rev 2
STHV748S STMICROELECTRONICS-STHV748S Datasheet
280Kb / 5P
Quad ± 90 V, ± 2 A, 3/5 level, ESD-enhanced high-speed ultrasound pulser
02-Dec-2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com