Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMUX1800E Datasheet(PDF) 19 Page - STMicroelectronics

Part # STMUX1800E
Description  16-bit to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMUX1800E Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STMUX1800E Datasheet HTML 15Page - STMicroelectronics STMUX1800E Datasheet HTML 16Page - STMicroelectronics STMUX1800E Datasheet HTML 17Page - STMicroelectronics STMUX1800E Datasheet HTML 18Page - STMicroelectronics STMUX1800E Datasheet HTML 19Page - STMicroelectronics STMUX1800E Datasheet HTML 20Page - STMicroelectronics STMUX1800E Datasheet HTML 21Page - STMicroelectronics STMUX1800E Datasheet HTML 22Page - STMicroelectronics STMUX1800E Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
STMUX1800E
Electrical characteristics
Doc ID 16772 Rev 3
19/26
Figure 10.
Test circuit for off isolation measurement (OIRR)
1.
CL includes probe and jig capacitance.
2.
A 50
Ω termination resistor is needed to match the loading of the network analyzer.
Off isolation is measured at the output of the OFF channel. For example, when VSEL= 0, and
B is the input, the output is measured at B1. All unused analog input ports are connected to
GND and output ports are left open.
HP8753ES setup:
Average = 4
RBW = 3 kHz
VBIAS = 0.35 V
ST = 2 s
P1 = 0 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com